Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PALC22V10D Datasheet(PDF) 3 Page - Cypress Semiconductor

Part No. PALC22V10D
Description  FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

PALC22V10D Datasheet(HTML) 3 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PALC22V10D
3
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature
-65
_C to +150_C
. . . . . . . . . . . . . . . . . .
Ambient Temperature with
Power Applied
-55
_C to +125_C
. . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage to Ground Potential
(Pin 24 to Pin 12)
-0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . .
DC Voltage Applied to Outputs
in High Z State
-0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . . .
DC Input Voltage
-0.5V to +7.0V
. . . . . . . . . . . . . . . . . . . . . . .
Output Current into Outputs (LOW)
16 mA
. . . . . . . . . . . . . .
DC Programming Voltage
12.5V
. . . . . . . . . . . . . . . . . . . . . . . . .
LatchUp Current
>200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Static Discharge Voltage
(per MIL-STD-883, Method 3015)
>2001V
. . . . . . . . . . . . . .
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
_C to +75_C
5V ±5%
Military[1]
-55
_C to +125_C
5V ±10%
Industrial
-40
_C to +85_C
5V ±10%
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max. Unit
VOH
Output HIGH Voltage
VCC = Min.,
VIN = VIH or VIL
IOH = -3.2 mA
Com'l
2.4
V
VIN = VIH or VIL
IOH = -2 mA
Mil/Ind
VOL
Output LOW Voltage
VCC = Min.,
VIN = VIH or VIL
IOL = 16 mA
Com'l
0.5
V
VIN = VIH or VIL
IOL = 12 mA
Mil/Ind
VIH
Input HIGH Level
Guaranteed InputLogical HIGH VoltageforAllInputs[3]
2.0
V
VIL[4]
Input LOW Level
Guaranteed Input Logical LOW Voltage for All Inputs[3]
-0.5
0.8
V
IIX
Input Leakage Current
VSS < VIN < VCC, VCC = Max.
-10
10
mA
IOZ
Output Leakage Current
VCC = Max., VSS < VOUT < VCC
-40
40
mA
ISC
Output Short Circuit Current VCC = Max., VOUT = 0.5V[5,6]
-30
-90
mA
ICC1
Standby Power Supply
Current
VCC = Max.,
VIN = GND
10, 15, 25 ns
Com'l
90
mA
Current
VIN = GND,
Outputs Open in
Unprogrammed
7.5 ns
130
mA
pp
Unprogrammed
Device
15, 25 ns
Mil/Ind
120
mA
Device
10 ns
120
mA
ICC2[6]
Operating Power Supply
Current
VCC = Max., VIL =
0V VIH = 3V
10, 15, 25 ns
Com'l
110
mA
Current
0V, VIH = 3V,
Output Open, De
vice Programmed as
7.5 ns
140
mA
pp ,
vice Programmed as
a 10Bit Counter,
f25 MH
15, 25 ns
Mil/Ind
130
mA
a 10Bit Counter,
f = 25 MHz
10 ns
130
mA
Capacitance[6]
Parameter
Description
Test Conditions
Min.
Max.
Unit
CIN
Input Capacitance
VIN = 2.0V @ f = 1 MHz
10
pF
COUT
Output Capacitance
VOUT = 2.0V @ f = 1 MHz
10
pF
Endurance Characteristics[6]
Parameter
Description
Test Conditions
Min.
Max.
Unit
N
Minimum Reprogramming Cycles
Normal Programming Conditions
100
Cycles
Notes:
1. TA is the instant on" case temperature.
2. See the last page of this specification for Group A subgroup testing in
formation.
3. These are absolute values with respect to device ground. All over
shoots due to system or tester noise are included.
4. VIL (Min.) is equal to -3.0V for pulse durations less than 20 ns.
5. Not more than one output should be tested at a time. Duration of the short
circuit should not be more than one second. VOUT = 0.5V has been cho
sen to avoid test problems caused by tester ground degradation.
6. Tested initially and after any design or process changes that may affect
these parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn