Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PALC22V10D Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. PALC22V10D
Description  FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALC22V10D Datasheet(HTML) 5 Page - Cypress Semiconductor

  PALC22V10D Datasheet HTML 1Page - Cypress Semiconductor PALC22V10D Datasheet HTML 2Page - Cypress Semiconductor PALC22V10D Datasheet HTML 3Page - Cypress Semiconductor PALC22V10D Datasheet HTML 4Page - Cypress Semiconductor PALC22V10D Datasheet HTML 5Page - Cypress Semiconductor PALC22V10D Datasheet HTML 6Page - Cypress Semiconductor PALC22V10D Datasheet HTML 7Page - Cypress Semiconductor PALC22V10D Datasheet HTML 8Page - Cypress Semiconductor PALC22V10D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PALC22V10D
5
Commercial Switching Characteristics PALC22V10D[2, 7]
22V10D-7
22V10D-10
22V10D-15
22V10D-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPD
Input to Output
Propagation Delay[8, 9]
3
7.5
3
10
3
15
3
25
ns
tEA
Input to Output Enable Delay[10]
8
10
15
25
ns
tER
Input to Output Disable Delay[11]
8
10
15
25
ns
tCO
Clock to Output Delay[8, 9]
2
5
2
7
2
8
2
15
ns
tS1
Input or Feedback SetUp Time
5
6
10
15
ns
tS2
Synchronous Preset SetUp Time
6
7
10
15
ns
tH
Input Hold Time
0
0
0
0
ns
tP
External Clock Period (tCO + tS)
10
12
20
30
ns
tWH
Clock Width HIGH[6]
3
3
6
13
ns
tWL
Clock Width LOW[6]
3
3
6
13
ns
fMAX1
External Maximum Frequency
(1/(tCO + tS))[12]
100
76.9
55.5
33.3
MHz
fMAX2
Data Path Maximum Frequency
(1/(tWH + tWL))[6, 13]
166
142
83.3
35.7
MHz
fMAX3
Internal Feedback Maximum
Frequency (1/(tCF + tS))[6,14]
133
111
68.9
38.5
MHz
tCF
Register Clock to
Feedback Input[6, 15]
2.5
3
4.5
13
ns
tAW
Asynchronous Reset Width
8
10
15
25
ns
tAR
AsynchronousResetRecoveryTime
5
6
10
25
ns
tAP
Asynchronous Reset to
Registered Output Delay
12
13
20
25
ns
tSPR
Synchronous Preset Recovery Time
6
8
10
15
ns
tPR
PowerUp Reset Time[6,16]
1
1
1
1
ms
Notes:
7. Part (a) of AC Test Loads and Waveforms is used for all parameters ex
cept tER and tEA(+). Part (b) of AC Test Loads and Waveforms is used
for tER. Part (c) of AC Test Loads and Waveforms is used for tEA(+).
8. Min. times are tested initially and after any design or process changes
that may affect these parameters.
9. This specification is guaranteed for all device outputs changing state in
a given access cycle.
10. The test load of part (a) of AC Test Loads and Waveforms is used for
measuring tEA(-). The test load of part (c) of AC Test Loads and
Waveforms isusedformeasuringtEA(+)only.Pleaseseepart(e)ofAC
Test Loads and Waveforms for enable and disable test waveforms and
measurement reference levels.
11. This parameter is measured as the time after output disable input that
the previous output data state remains stable on the output. This delay
is measured to the point at which a previous HIGH level has fallen to
0.5 volts below VOH min. or a previous LOW level has risen to 0.5 volts
above VOL max. Please see part (e) of AC Test Loads and Waveforms
for enable and disable test waveforms and measurement reference
levels.
12. This specification indicates the guaranteed maximum frequency at
which a state machine configuration with external feedback can
operate.
13. This specification indicates the guaranteed maximum frequency at
which the device can operate in data path mode.
14. This specification indicates the guaranteed maximum frequency at
which a state machine configuration with internal only feedback can
operate.
15. This parameter is calculated from the clock period at fMAX internal
(1/fMAX3) as measured (see Note 11 above) minus tS.
16. The registers in the PALC22V10D have been designed with the capa
bility to reset during system powerup. Following powerup, all regis
ters will be reset to a logic LOW state. The output state will depend on
the polarity of the output buffer. This feature is useful in establishing
statemachineinitialization.Toinsureproperoperation,theriseinVCC
must be monotonic and the timing constraints depicted in PowerUp
Reset Waveform must be satisfied.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PAL20V8 Flash Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALCE20V8 Flash Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALCE22V10 Flash-erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALC22V10 Reprogrammable CMOS PAL Device 1  2  3  Cypress Semiconductor
PALCE16V8 Flash-Erasable Reprogrammable CMOS PAL Device 1  2  3  4  5  More Cypress Semiconductor
PALC22V10B Reprogrammable CMOS PAL Device 1  2  3  Cypress Semiconductor
PEEL22CV10AZ CMOS Programmable Electrically Erasable Logic Device 1  2  3  4  5  More Anachip Corp
PEEL18LV8Z CMOS Programmable Electrically Erasable Logic Device 1  2  3  4  5  More Anachip Corp
18CV8 CMOS Programmable Electrically Erasable Logic Device 1  2  3  4  5  More List of Unclassifed Manufacturers
PALCE22V10 24-Pin EE CMOS Zero Power Versatile PAL Device 1  2  3  4  5  More Lattice Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn