Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA30-P736 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DA30-P736
Description  compact form factor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DA30-P736 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DA30-P736 Datasheet HTML 1Page - American Electronic Components, inc DA30-P736 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DA30-P736
custom power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form X)
Contact material
AgNi 90/10
Max. switching voltage
AC/DC 400VAC / 125VDC
Max. switching power
7500VA
Min. switching current / voltage
10mA/10VDC
Rated load
AC1 32A, 277VAC (carry); 30A, 250VAC (switched)
DC1 30A / 30VDC (switched)
Initial resistance
Max: 50mΩ, Typical: 5mΩ
Coil
Rated voltage
DC 12VDC
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.3W
Insulation
Insulation resistance
≤ 1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact >4000Vrms, 1min
coil to contact, creepage and clearance >8mm
between open contacts 2500Vrms, 1min; Contact gap: >6mm (2 x >3mm)
open contacts, creepage distance >8mm
General Data
Operating time (max)
mS ≤ 10ms (excluding bounce time)
Release time (max)
mS ≤ 12ms
Electrical Life
ops ≥ 1 x 105
Mechanical life
ops ≥ 1 x 107
Dimensions
L x W x H 42 x 35.5 x 35.5mm (see Fig 1)
Weight
73g
Ambient temperature
storage -40 to 105°C
operating -40 to 95°C
Shock resistance
20g / 11mS
Vibration resistance
DA 1.5mm 10-55Hz / 20g
• power relay with PCB option
• Up to 30A rating (switched), 32A (carry)
• compact form factor
• high isolation with > 6mm contact gap
• RoHS Compliant
Ref: DA30 - P736 071911JHM
Specifications are subject to change without notice. E&OE.


Similar Part No. - DA30-P736

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DA30-P736 WILLOW-DA30-P736 Datasheet
327Kb / 2P
   power relay with PCB option
More results

Similar Description - DA30-P736

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
   SSD (Solid-State Disk) with compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
List of Unclassifed Man...
891 ETC2-891 Datasheet
902Kb / 6P
   Compact 2U half-rack form factor with 4.3??color display
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com