Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT211 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT211
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 1 page
background image
©1994 Burr-Brown Corporation
PDS-1258B
Printed in U.S.A. January, 1995
OPT211
MONOLITHIC PHOTODIODE AND AMPLIFIER
DESCRIPTION
The OPT211 is a monolithic photodiode with on-chip
FET-input transpedance amplifier, that provides wide
bandwidth at very high gains. Uncommitted input and
feedback nodes allow a variety of feedback options for
maximum versatility. Trade-offs in responsivity (gain),
bandwidth and SNR can easily be made.
The monolithic combination of photodiode and
transimpedance amplifier on a single chip eliminates
the problems commonly encountered in discrete de-
signs such as leakage current errors, noise pickup and
gain peaking due to stray capacitance. The 0.09 x 0.09
inch photodiode is operated at zero bias for excellent
linearity and low dark current. Direct access to the
detector’s anode allows photodiode bootstrapping,
which increases speed performance.
The OPT211 operates over a wide supply range (
±2.25V
to
±18V) and supply current is only 400µA. It is
packaged in a transparent plastic 8-pin DIP specified
for the 0
°C to 70°C temperature range.
OPT211
78
3
1
5
V
OUT
2
V–
V+
λ
R
F
FEATURES
q WIDE BANDWIDTH, HIGH RESPONSIVITY:
R
F
BANDWIDTH
1M
50kHz
*150kHz
100M
5kHz
*13kHz
*with bootstrap buffer
q PHOTODIODE SIZE: 0.090 x 0.090 inch
(2.29 x 2.29mm)
q HIGH RESPONSIVITY: 0.45A/W (650nm)
q LOW DARK ERRORS: 2mV max
q EXCELLENT SPECTRAL RESPONSE
q LOW QUIESCENT CURRENT: 400
µA
q TRANSPARENT 8-PIN DIP
APPLICATIONS
q MEDICAL INSTRUMENTATION
q LABORATORY INSTRUMENTATION
q POSITION AND PROXIMITY SENSORS
q PHOTOGRAPHIC ANALYZERS
q BARCODE SCANNERS
q SMOKE DETECTORS
SPECTRAL RESPONSIVITY
Wavelength (nm)
100
200
300
400 500
600
700 800
900 1000 1100
0.5
0.4
0.3
0.2
0.1
0
Infrared
Ultraviolet
Using External
1M
Ω Resistor
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
MRFIC18061.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl