Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT211 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT211
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 6 page
background image
®
OPT211
6
NOISE EFFECTIVE POWER
vs MEASUREMENT BANDWIDTH
Frequency (Hz)
1
10
1k
10k
100k
100
10–8
10–9
10–10
10–11
10–12
10–13
10–14
1M
1M
10M
100M
λ = 650nm
OPT211 Anode
Grounded
OPT211 with Anode
Bootstrap Drive
Total Noise
0.1 Hz to
Indicated BW
OUTPUT NOISE VOLTAGE
vs MEASUREMENT BANDWIDTH
Frequency (Hz)
1
10
1k
10k
100k
100
10–2
10–3
10–4
10–5
10–6
10–7
1M
R
F = 1MΩ
R
F = 10MΩ
R
F = 100MΩ
OPT211 Anode
Grounded
OPT211 with Anode
Bootstrap Drive
Total Noise
0.1 Hz to
Indicated BW
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, λ = 650nm, external 1MΩ feedback resistor, circuit shown in Figure 1, unless otherwise noted.
STEP RESPONSE
R
F = 1MΩ, Bootstrap Buffer
STEP RESPONSE
R
F = 1MΩ, Anode Grounded




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
MRFIC18061.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl