Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT211 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT211
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 5 page
background image
®
OPT211
5
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
–75
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
0
25
50
75
100
125
V
S = ±15V
V
S = ±2.25V
VOLTAGE RESPONSIVITY vs IRRADIANCE
Irradiance (W/m2)
10-4
10-3
10-1
10
101
10-2
10
1
0.1
0.01
0.001
R F
=
10M
R F
=
1M
R F
=
100M
λ = 650nm
VOLTAGE RESPONSIVITY vs RADIANT POWER
Radiant Power (µW)
10-3
10-2
10
101
102
10-1
10
1
0.1
0.01
0.001
R F
=
10M
R F
=
1M
R F
=
100M
λ = 650nm
TRANSIMPEDANCE vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
100M
10M
1M
100k
Dotted Line:
Bandwidth with
Bootstrap Buffer—
See Text.
R
F = 100MΩ
R
F = 1MΩ, CF = 3pF
R
F = 10MΩ, CF = 1pF
RESPONSE vs INCIDENT ANGLE
Incident Angle (°)
0
1.0
0.8
0.6
0.4
0.2
0
±20
±40
±60
±80
θ
Y
θ
X
1.0
0.8
0.6
0.4
0.2
0
θ
Y
θ
X
Plastic
DIP Package
NORMALIZED SPECTRAL RESPONSIVITY
Wavelength (nm)
100
200
300
400 500
600
700 800
900 1000 1100
1.0
0.8
0.6
0.4
0.2
0
650nm
(0.45A/W)
(0.48A/W)
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, λ = 650nm, external 1MΩ feedback resistor, circuit shown in Figure 1, unless otherwise noted.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
MRFIC18061.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl