Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT211 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT211
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 3 page
background image
®
OPT211
3
OP AMP SPECIFICATIONS
TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
OPT211 Op Amp(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage
±0.5
mV
vs Temperature
±5
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
10
µV/V
Input Bias Current
±1pA
vs Temperature
doubles every 10
°C
Input Impedance
Differential
1012 || 3
Ω || pF
Common-Mode
1012 || 3
Ω || pF
Common-Mode Input Voltage Range
Linear Operation
±14.4
V
Common-Mode Rejection
106
dB
NOISE
Voltage Noise Density
f = 10Hz
30
nV/
√Hz
f = 100Hz
25
nV/
√Hz
f = 1kHz
15
nV/
√Hz
Current Noise Density
f = 1kHz
0.8
fA/
√Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
120
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product(2)
16
MHz
Slew Rate
6V/
µs
Settling Time 0.1%
4
µs
0.01%
5
µs
OUTPUT
Voltage Output
RL = 10kΩ
(V+) – 1.25
(V+) – 1
V
RL = 5kΩ
(V+) – 2
(V+) – 1.5
V
Short-Circuit Current
±18
mA
POWER SUPPLY
Operating Voltage Range
±2.25
±15
±18
V
Quiescent Current
IO = 0mA
±400
±500
µA
NOTES: (1) Op amp specifications provided for information and comparison only. (2) Stable in gains
≥ 20V/V.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
MRFIC18061.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl