Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT211 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT211
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 2 page
background image
®
OPT211
2
SPECIFICATIONS
At TA = +25°C, VS = ±15V, λ = 650nm, external 1MΩ feedback resistor, circuit shown in Figure 1, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Photodiode of OPT211
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Photodiode Area
(0.090 x 0.090 inches)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
Current Responsivity
λ = 650nm
0.45
A/W
865
µA/W/cm2
Dark Current
VD = 0V
500
fA
vs Temperature
doubles every 10
°C
Capacitance
VD = 0V
600
pF
PHOTODIODE SPECIFICATIONS
At TA = +25°C, λ = 650nm, unless otherwise noted.
OPT211P
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESPONSIVITY
Photodiode Current
650nm
0.45
A/W
Unit-to-Unit Variation
650nm
±5%
Voltage Output
λ = 650nm, R
F = 1MΩ
0.45
V/
µW
Nonlinearity
0.01
% of FS
Photodiode Area
(0.090 x 0.090 inches)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
DARK ERRORS, RTO(1)
Offset Voltage, Output
±0.5
±2mV
vs Temperature
±10
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
10
100
µV/V
Voltage Noise, Dark
Dark, fB = 0.1Hz to 100kHz
1
mVrms
FREQUENCY RESPONSE
Bandwidth
Anode Grounded(2)
50
kHz
Anode Bootstrapped(3)
150
kHz
Rise Time, 10% to 90%, RF = 1MΩ
Anode Grounded(2)
5
µs
Anode Bootstrapped(3)
2
µs
Settling Time, FS to Dark
Anode Grounded(2)
1%
10
µs
0.1%
25
µs
0.01%
30
µs
100% Overload Recovery Time
FS to Dark (to 1%)
44
µs
VS = ±5V
100
µs
VS = ±2.25V
240
µs
OUTPUT
Voltage Output
RL = 10kΩ
(V+) – 1.25
(V+) – 1
V
RL = 5kΩ
(V+) – 2
(V+) – 1.5
V
Capacitive Load, Stable Operation(4)
250
pF
Short-Circuit Current
±18
mA
POWER SUPPLY
Operating Voltage Range
±2.25
±15
±18
V
Quiescent Current
VOUT = 0V
±400
±500
µA
TEMPERATURE RANGE
Specification
0
+70
°C
Operating
0
+70
°C
Storage
–25
+85
°C
Thermal Resistance,
θ
JA
100
°C/W
NOTES: (1) Referred to Output. Includes all error sources. (2) See Figure 1. (3) See Figure 3. (4) See Figure 2.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
MRFIC18061.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl