Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLC453232T Datasheet(PDF) 1 Page - TDK Electronics

Part # NLC453232T
Description  Inductors For Power Line SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLC453232T Datasheet(HTML) 1 Page - TDK Electronics

  NLC453232T Datasheet HTML 1Page - TDK Electronics NLC453232T Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
NLC Series NLC3225 Type
For Power Line
SMD
FEATURES
• The NLC series feature low DC resistance and high current
handling capacities, making them ideal for power supply line
applications.
• They are available in form factors ranging from 2520 to 5650.
APPLICATIONS
Portable telephones, personal computers, hard disk drives, and
other electronic equipment.
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Perform soldering at 250°C on 30W max. within 5 seconds.
VAPOR-PHASING
FLUX AND CLEANING
Rosin-based flux is recommended.
Cleaning Conditions
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W×T
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
PACKAGING STYLE AND QUANTITIES
Operating temperature range
–20 to +85°C
Storage temperature range
–40 to +85°C [Unit of products]
30s max.
Preheating: 120s
10s max.
100°C
200°C
230°C
150°C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100°C
260°C
150°C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100°C
215°C
220°C
150°C
Natural
cooling
30s max.
Time(s)
Solvent
Chlorine-based solvent
(Do not use acid or alkali solvents.)
Time
2min max.
252018
2.5
×2.0×1.8mm
322522
3.2
×2.5×2.2mm
453232
4.5
×3.2×3.2mm
565050
5.6
×5.0×5.0mm
T
Taping(reel)
1R0
1
µH
330
33
µH
K
±10%
M
±20%
Packaging style
Type
Quantity
Taping
NLC252018T
2000 pieces/reel
NLC322522T
2000 pieces/reel
NLC453232T
500 pieces/reel
NLC565050T
400 pieces/reel
NLC
252018
T-
2R2
M
(1)
(2)
(3)
(4)
(5)


Similar Part No. - NLC453232T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC453232T-100K TDK-NLC453232T-100K Datasheet
47Kb / 3P
   For Power Line SMD
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
More results

Similar Description - NLC453232T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com