Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMR3000-D00-485 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HMR3000-D00-485
Description  Up to 20 Updates per Second
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMR3000-D00-485 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HMR3000-D00-485 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMR3000-D00-485 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMR3000-D00-485 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMR3000-D00-485 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HMR3000-D00-485 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HMR3000-D00-485 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HMR3000-D00-485 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HMR3000
www.honeywell.com
5
APPLICATIONS PRECAUTIONS
Several precautions should be observed when using magnetic compasses in general:
The presence of ferrous materials, such as nickel, iron, steel, and cobalt near the magnetometer will create
disturbances in the earth’s magnetic field that will distort the X, Y, and Z field measurements.
Perming effects on the HMR3000 circuit board need to be taken into account. If the HMR3000 is exposed to fields
greater than 10 gauss, then it is recommended that the enclosure/circuit boards be degaussed for highest
sensitivity and resolution. A possible result of perming is a high zero-field output indication that exceeds
specification limits. Degaussing wands are readily available from local electronics tool suppliers and are
inexpensive. Severe field offset values could result if not degaussed.
NON-FERROUS MATERIALS
Materials that do not affect surrounding magnetic fields are: copper, brass, gold, aluminum, some stainless steels, silver,
tin, silicon, and most non-metals.
HANDLING PRECAUTIONS
The HMR3000 Digital Compass Module measures fields within 1 gauss in magnitude. Computer floppy disks (diskettes)
store data with field strengths of approximately 10 gauss. This means that the HMR3000 is many times more sensitive than
common floppy disks. Please treat the compass with at least the same caution as your diskettes by avoiding motors, CRT
video monitors, and magnets. Even though the loss of performance is recoverable, these magnetic sources will interfere
with measurements.
The fluidic tilt sensor works best when kept near level, and in calm to moderate vibration conditions. If turned upside down
or violently jarred, not all the fluid will immediately return to the bottom of the tilt sensor’s glass ampoule. Accurate tilt and
tilt compensated headings may be unavailable for a minute or two to allow for the fluid to transit to the bottom of the ampoule.
PCB DIMENSIONS AND PINOUT


Similar Part No. - HMR3000-D00-485

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR3000-D00-485 HONEYWELL-HMR3000-D00-485 Datasheet
118Kb / 4P
   Digital Compass Module
More results

Similar Description - HMR3000-D00-485

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCCACEM16BG388I XILINX-XCCACEM16BG388I Datasheet
311Kb / 29P
   Configuration rates up to 152 Mb per second
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF_15 Datasheet
594Kb / 37P
   Gate drive supplies up to 20 V per channel
logo
List of Unclassifed Man...
SC11014 ETC-SC11014 Datasheet
992Kb / 21P
   300 / 1200 Bit Per Second Modem
logo
Texas Instruments
ISO7231ADWRG4 TI-ISO7231ADWRG4 Datasheet
746Kb / 21P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
ISO7230A TI-ISO7230A Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
   Up to 10 poles per module
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
logo
PHOENIX CONTACT
PSI-MODEM-SHDSL PHOENIX-PSI-MODEM-SHDSL Datasheet
291Kb / 7P
   Distances up to 20 km
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
STMicroelectronics
SPC564A70B4 STMICROELECTRONICS-SPC564A70B4 Datasheet
984Kb / 133P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com