Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T08-4003 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # T08-4003
Description  Tilt Switch - Mercury
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

T08-4003 Datasheet(HTML) 1 Page - American Electronic Components, inc

  T08-4003 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tilt switches “make” when the electrode is tilted below horizontal and
“break” when tilted above the horizontal. Total travel from “make” to
“break” is the “Maximum included angle” shown below. The
component to which the switch is attached must have a total tilt angle
greater than the “Maximum included angle” for proper operation.
Part No: T08-4003 – T08 Series
Tilt Switch - Mercury
Dimensions in inches
T08-4003
111116
Specifications are subject to change without notice. E&OE.
© American Electronic Components Inc 2006
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
Features:
* Un-Insulated
* Form: NC/SPST/Vertical Mount as Shown
* Angles Referenced from Vertical
* Omni-Directional
* Dual Electrode
* Hermetically Sealed
* Small Package Size
* High Current Capability
* Low Contact Resistance
* Long Life
1
4° to 27° from vertical
Break Angle * :
* from vertical 0º reference
tested per ES365
Switch Ratings:
Max Switching Voltage
Max Switching Current
Initial Contact Resistance (Max).
Stand Off Voltage (contact to contact)
Operating Temperature
Storage Temperature
220V 60Hz
1.7A / 120V 60Hz;
1.5A / 5 VDC : 1A / 12VDC
5 Ohms max (10mA at 5VDC)
1240 V
-38º to 220º F / -38º to 105º C
-40º to 356º F / -40º to 180º C
Typical number of operations at specified load
10,000,000
G-Force Activation G-Level/Range
N/A
Dimensions:
Weight per 100pcs. Lbs / Kgs:
0.77 / 0.35
Body Length (less leads). Inches / Millimeters:
0.271 / 6.88
Maximum Diameter. Inches / Millimeters:
0.600 / 15.24
Materials:
Lead Wire Type
N/A
Lead wire length/skive/termination
N/A
Finish:
Nickel


Similar Part No. - T08-4003

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
T08-4539 AEC-T08-4539 Datasheet
182Kb / 1P
   Tilt Switch - Mercury
logo
STMicroelectronics
T08-4A STMICROELECTRONICS-T08-4A Datasheet
826Kb / 4P
   SENSITIVE GATE TRICS
More results

Similar Description - T08-4003

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
20144 AEC-20144 Datasheet
157Kb / 1P
   Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
   Tilt Switch / Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
   Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
   Tilt Switch - Mercury
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
   Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
   Tilt Switch - Mercury
4859 AEC-4859 Datasheet
186Kb / 1P
   Tilt Switch - Mercury
3825 AEC-3825 Datasheet
183Kb / 1P
   Tilt Switch - Mercury
5002 AEC-5002 Datasheet
172Kb / 1P
   Tilt Switch - Mercury
3822 AEC-3822 Datasheet
178Kb / 1P
   Tilt Switch - Mercury
4954 AEC-4954 Datasheet
186Kb / 1P
   Tilt Switch - Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com