Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12LF1571 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC12LF1571
Description  HIGH-VOLTAGE ICSP PROGRAMMING
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1571 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC12LF1571 Datasheet HTML 4Page - Microchip Technology PIC12LF1571 Datasheet HTML 5Page - Microchip Technology PIC12LF1571 Datasheet HTML 6Page - Microchip Technology PIC12LF1571 Datasheet HTML 7Page - Microchip Technology PIC12LF1571 Datasheet HTML 8Page - Microchip Technology PIC12LF1571 Datasheet HTML 9Page - Microchip Technology PIC12LF1571 Datasheet HTML 10Page - Microchip Technology PIC12LF1571 Datasheet HTML 11Page - Microchip Technology PIC12LF1571 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PIC12(L)F1571/2
DS40001713A-page 8
 2013 Microchip Technology Inc.
REGISTER 3-4:
CONFIGURATION WORD 2
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
LVP(1)
DEBUG(2)
LPBOREN
BORV(3)
STVREN
PLLEN
bit 13
bit 8
U-1
U-1
U-1
U-1
U-1
U-1
R/P-1
R/P-1
—WRT<1:0>
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
n = Value when blank or after Bulk Erase
bit 13
LVP: Low-Voltage Programming Enable bit(1)
1 = ON
- Low-voltage programming enabled. MCLR/VPP pin function is MCLR. MCLRE
Configuration bit is ignored.
0 = OFF - High Voltage on MCLR/VPP must be used for programming
bit 12
DEBUG: Debugger Mode bit(2)
1 = OFF - In-Circuit Debugger disabled; ICSPCLK and ICSPDAT are general purpose I/O pins.
0 = ON
- In-Circuit Debugger enabled; ICSPCLK and ICSPDAT are dedicated to the debugger.
bit 11
LPBOREN: Low-Power Brown-out Reset Enable bit
1 = OFF - Low-power Brown-out Reset is disabled
0 = ON
- Low-power Brown-out Reset is enabled
bit 10
BORV: Brown-out Reset Voltage Selection bit(3)
1 = LOW - Brown-out Reset voltage (Vbor), low trip point selected
0 = HIGH - Brown-out Reset voltage (Vbor), high trip point selected
bit 9
STVREN: Stack Overflow/Underflow Reset Enable bit
1 = ON
- Stack Overflow or Underflow will cause a Reset
0 = OFF - Stack Overflow or Underflow will not cause a Reset
bit 8
PLLEN: PLL Enable bit
1 = ON
- 4xPLL enabled
0 = OFF - 4xPLL disabled
bit 7-2
Unimplemented: Read as ‘1’
bit 1-0
WRT<1:0>: Flash Memory Self-Write Protection bits
2 kW Flash memory: (PIC12F1572):
11 = OFF
- Write protection off
10 = BOOT - 000h to 1FFh write-protected, 200h to 7FFh may be modified by PMCON control
01 = HALF - 000h to 3FFh write-protected, 400h to 7FFh may be modified by PMCON control
00 = ALL
- 000h to 7FFh write-protected, no addresses may be modified by PMCON control
1 kW Flash memory: (PIC12F1571)
11 = OFF
- Write protection off
10 = BOOT - 000h to 0FFh write-protected, 100h to 3FFh may be modified by PMCON control
01 = HALF - 000h to 1FFh write-protected, 200h to 3FFh may be modified by PMCON control
00 = ALL
- 000h to 3FFh write-protected, no addresses may be modified by PMCON control
Note 1:
This bit cannot be programmed to ‘0’ when programming mode is entered via LVP.
2:
The DEBUG bit in Configuration Words is managed automatically by device development tools including
debuggers and programmers. For normal device operation, this bit should be maintained as a ‘1’.
3:
See Vbor parameter for specific trip point voltages.


Similar Part No. - PIC12LF1571

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
   8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC12LF1501-E-MC MICROCHIP-PIC12LF1501-E-MC Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12LF1501-I-MC MICROCHIP-PIC12LF1501-I-MC Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12LF1501T-EMCQTP MICROCHIP-PIC12LF1501T-EMCQTP Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results

Similar Description - PIC12LF1571

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
   HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC16LF18313 MICROCHIP-PIC16LF18313 Datasheet
487Kb / 44P
   HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
   External Output Voltage Programming
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com