Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR211SED003 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR211SED003
Description  1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211SED003 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR211SED003 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211SED003 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211SED003 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211SED003 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211SED003 Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FBR211 SERIES
Nominal voltage
Contact rating
1.5 to 24 VDC
1 A 28 VDC resistive
0.5 A 30 VAC resistive
s SAFETY STANDARD AND FILE NUMBERS
UL114 (File No. E63615)
C22.2 No. 14 (File No. LR40304 or LR64026)
s SPECIFICATIONS
Item
Standard (A or B type)
High sensitive (C or E type)
Contact
Arrangement
1 form C (SPDT)
Material
Gold-overlay silver-palladium or gold-overlay silver
Resistance (initial)
Maximum 100 m
Ω (at 0.1 A 6 VDC)
Rating (resistive)
0.5 A 120 VAC or 1 A 28 VDC
Maximum Carrying Current
2 A
Maximum Switching Power
60 VA or 28 W
Max. Switching Voltage*1
220 VAC or 150 VDC
Maximum Switching Current
1.25 A (AC) or 2 A (DC)
Minimum Switching load*2
Plastic sealed 1 mA 1
(reference)
Flux free 1 mA 5
Coil
Nominal Power (at 20
°C)
Approximately 0.45 W
Approximately 0.2 W
Operate Power (at 20
°C)
Approximately 0.315 W maximum
Approximately 0.14 W maximum
Operating Temperature
–25
°C to +55°C (no frost)
–25
°C to +75°C (no frost)
Operating Humidity
45 to 85%RH
Time Value
Operate (at nominal voltage)
Maximum 5 ms
Release (at nominal voltage)
Maximum 5 ms
Insulation
Resistance (initial)
Minimum 100 M
Ω (at 500 VDC)
Dielectric
between coil and contacts
500 VAC 1 minute (standard)
Strength
1,000 VAC 1 minute (high dielectric strength type)
between open contacts
500 VAC 1 minute
Life
Mechanical
5
× 106 operations minimum
Electrical
3
× 105 operations minimum (at 1 A/ 28 VDC resistive load)
(Refer to the REFERENCE DATA)
1
× 105 operations minimum (at 2 A/ 12 VDC resistive load)
1
× 105 operations minimum (at 0.5 A/120 VDC resistive load)
Other
Vibration Resistance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
100 m/s2 (11
±1 ms)
60 m/s2 (11
±1 ms)
Resistance
Endurance
1,000 m/s2 (11
±1 ms)
Weight
Approximately 4 g
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the
type of load.
*2 Values when switching a resistive load at normal room temperature and humidity and in a clean environment. The mini-
mum switching load varies with the switching frequency and operation environment.


Similar Part No. - FBR211SED003

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211SED003 FUJITSU-FBR211SED003 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211SED003

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR12 FUJITSU-FBR12 Datasheet
42Kb / 6P
   2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com