Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-BGA964A-B-05F Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SF-BGA964A-B-05F
Description  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-BGA964A-B-05F Datasheet(HTML) 1 Page - Ironwood Electronics.

  SF-BGA964A-B-05F Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.175
0.39
FRONT VIEW
3
1
12.3225
9.7825
12.0250
12.40
2.50
2.50
0.85 (x2)
24.80
29.7250
34.7250
14.8625 (x8)
0.80 typ.
10.13
3.80
1.50
7.40
13.77
0.85
0.60 pad (x964)
R0.40
TOP VIEW
2
ITEM
NO.
PART NUMBER
DESCRIPTION
1
Substrate
via in pad substrate for SF-05 adapter
0.8mm pitch 32x32 array 964 position
2
Threaded Insert
#0-80 internal Thread brass insert,
Press fit
3
Solder ball
Solder Ball, 0.024" Dia,
Sn96.5Ag3.0Cu0.5
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SF-BGA-05 smt adapter for 27mm 0.8mm pitch 32x32 array BGA964 package
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 4/16/2014
Material: N/A
Finish: N/A
Weight: 4.48
SF-BGA964A-B-05F Drawing
SCALE: 2.3:1
SHEET: 1 OF 1
ENG: E. Smolentseva
FILE: SF-BGA964A-B-05F Dwg
DRAWN BY: M. Raske


Similar Part No. - SF-BGA964A-B-05F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-BGA961A-B-32 IRONWOOD-SF-BGA961A-B-32 Datasheet
93Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA961B-B-05 IRONWOOD-SF-BGA961B-B-05 Datasheet
77Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA96D-B-61 IRONWOOD-SF-BGA96D-B-61 Datasheet
36Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA96D-B-61F IRONWOOD-SF-BGA96D-B-61F Datasheet
89Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA96D-B-64 IRONWOOD-SF-BGA96D-B-64 Datasheet
273Kb / 2P
   Primary dimension units are millimeters
More results

Similar Description - SF-BGA964A-B-05F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com