Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-BGA-8003 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SBT-BGA-8003
Description  Automated probe manufacturing enables low cost and short lead time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-8003 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SBT-BGA-8003 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-8003 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-8003 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-8003 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D
E
X
Y
e
b
0.05 Z X Y
0.05 Z
K
A
A1
DETAIL K
SCALE 10 : 1
0.08 Z
Z
Ironwood package code: BGA529E1
DIM
Minimum Maximum
A
1.25
A1
0.15
0.25
b
0.20
0.30
E
10.00 BSC
D
10.00 BSC
e
0.40 BSC
ARRAY
23X23
PIN COUNT
529
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 2/4/13
Material:
Finish:
Weight: 9.80
SBT-BGA-8003 Drawing
SCALE: 5:1
SHEET: 3 OF 4
ENG: S. Huang
FILE: SBT-BGA-8003


Similar Part No. - SBT-BGA-8003

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-8004 IRONWOOD-SBT-BGA-8004 Datasheet
533Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-8005 IRONWOOD-SBT-BGA-8005 Datasheet
465Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-8007 IRONWOOD-SBT-BGA-8007 Datasheet
301Kb / 4P
   Low and stable contact resistance for reliable production yield
SBT-BGA-8008 IRONWOOD-SBT-BGA-8008 Datasheet
410Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - SBT-BGA-8003

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com