Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z128Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z128Y
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z128Y Datasheet HTML 4Page - STMicroelectronics M48Z128Y Datasheet HTML 5Page - STMicroelectronics M48Z128Y Datasheet HTML 6Page - STMicroelectronics M48Z128Y Datasheet HTML 7Page - STMicroelectronics M48Z128Y Datasheet HTML 8Page - STMicroelectronics M48Z128Y Datasheet HTML 9Page - STMicroelectronics M48Z128Y Datasheet HTML 10Page - STMicroelectronics M48Z128Y Datasheet HTML 11Page - STMicroelectronics M48Z128Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
M48Z128, M48Z128Y, M48Z128V*
8/21
Table 6. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V, 4.5 to 5.5V, or 3.0 to 3.6V (except where noted).
2. Outputs deselected.
OPERATING MODES
The M48Z128/Y/V also has its own Power-fail De-
tect circuit. The control circuitry constantly moni-
tors the single VCC supply for an out of tolerance
condition. When VCC is out of tolerance, the circuit
write protects the SRAM, providing a high degree
of data security in the midst of unpredictable sys-
tem operation brought on by low VCC. As VCC falls
below the switchover voltage (VSO), the control cir-
cuitry connects the battery which maintains data
until valid power returns.
Table 7. Operating Modes
Note: X = VIH or VIL; VSO = Battery Back-up Switchover Voltage.
1. See Table 11, page 14 for details.
Sym
Parameter
Test Condition(1)
M48Z128/Y
M48Z128V
Unit
–70 / –85 / –120
–85 / –120
Min
Max
Min
Max
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
±1
µA
ICC
Supply Current
E = VIL
Outputs open
105
50
mA
ICC1
Supply Current (Standby) TTL
E = VIH
74
mA
ICC2
Supply Current (Standby) CMOS
E = VCC – 0.2V
43
mA
VIL
Input Low Voltage
–0.3
0.8
–0.3
0.6
V
VIH
Input High Voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
2.2
V
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75 to 5.5V
or
4.5 to 5.5V
or
3.0 to 3.6V
VIH
X
X
High Z
Standby
WRITE
VIL
X
VIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery Back-up Mode


Similar Part No. - M48Z128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z128Y-120CS1 STMICROELECTRONICS-M48Z128Y-120CS1 Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z128Y-120PM1 STMICROELECTRONICS-M48Z128Y-120PM1 Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z128Y-120PM1 STMICROELECTRONICS-M48Z128Y-120PM1 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
   5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com