Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1688B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 1688B
Description  Automatic CV/CC crossover operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1688B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1688B Datasheet HTML 1Page - List of Unclassifed Manufacturers 1688B Datasheet HTML 2Page - List of Unclassifed Manufacturers 1688B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B&K Precision models 1685B, 1687B, and
1688B are laboratory grade switching mode
DC power supplies with high current output in
a small, lightweight form factor. These power
supplies provide various configurations of output
voltage and current, and feature rotary encoder
control knobs, which make setting voltage and
current levels fast and precise. Its dual action
push button allows the user to easily set both
coarse and fine, voltage and current levels.
In addition to its constant voltage (CV) and
constant current (CC) modes, these high efficien-
cy DC power supplies offer preset and remote
Features and Benefits
I
Automatic CV/CC crossover operation
I
Lightweight and compact
I
Rotary encoder control for precise voltage and
current setting
I
Save up to 3 user-defined voltage and current
presets for quick recall
I
PC software for remote control and external
timed programming
I
Analog remote control function
I
USB interface
I
Front panel auxiliary output
I
Overvoltage, overtemperature, and overload
protection
Switching DC Power Supplies
Models 1685B, 1687B & 1688B
Data Sheet
w w w.bk prec ision.c om
Technical data subject to change
© B&K Precision Corp. 2012
control modes. Save up to three different presets
of voltage and current values for quick recall. For
remote control, an analog remote control
terminal is accessible on the rear, or use the USB
interface to communicate with the power supply
via PC software or remote commands.
These features make the 1685B Series suitable
for a wide range of applications including
production testing, telecommunications, R&D,
electronic field service, and university labs.
Outputs / Model
1685B
1687B
1688B
Variable Output Voltage
1 - 60 V
1 - 36 V
1 - 18 V
Variable Output Current
0 - 5 A
0 - 10 A
0 - 20 A


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn