Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN020 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN020
Description  N-channel TrenchMOS횚 transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN020 Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN020 Datasheet HTML 1Page - NXP Semiconductors PSMN020 Datasheet HTML 2Page - NXP Semiconductors PSMN020 Datasheet HTML 3Page - NXP Semiconductors PSMN020 Datasheet HTML 4Page - NXP Semiconductors PSMN020 Datasheet HTML 5Page - NXP Semiconductors PSMN020 Datasheet HTML 6Page - NXP Semiconductors PSMN020 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PSMN020-150W
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Gate-source voltage, VGS (V)
Drain current, ID (A)
VDS > ID X RDS(ON)
Tj = 25 C
175 C
Threshold Voltage, VGS(TO) (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction Temperature, Tj (C)
typical
maximum
minimum
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040506070
8090
100
Drain current, ID (A)
Transconductance, gfs (S)
Tj = 25 C
175 C
VDS > ID X RDS(ON)
Drain current, ID (A)
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gate-source voltage, VGS (V)
minimum
typical
maximum
Normalised On-state Resistance
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction temperature, Tj (C)
100
1000
10000
100000
0.1
1
10
100
1000
Drain-Source Voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss
November 1999
4
Rev 1.000


Similar Part No. - PSMN020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN020-100YS NXP-PSMN020-100YS Datasheet
244Kb / 15P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Rev. 02-7 January 2010
logo
Nexperia B.V. All right...
PSMN020-100YS NEXPERIA-PSMN020-100YS Datasheet
744Kb / 14P
   N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
logo
NXP Semiconductors
PSMN020-100YS PHILIPS-PSMN020-100YS_15 Datasheet
311Kb / 14P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
26 March 2014
PSMN020-150W PHILIPS-PSMN020-150W Datasheet
28Kb / 4P
   TrenchMOS transistor
February 1999 Rev 1.000
PSMN020-150W PHILIPS-PSMN020-150W Datasheet
120Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
More results

Similar Description - PSMN020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN025-100D PHILIPS-PSMN025-100D Datasheet
98Kb / 9P
   N-channel TrenchMOS횚 transistor
August 1999 Rev 1.000
PHP20NQ20T-127 NXP-PHP20NQ20T-127 Datasheet
111Kb / 9P
   N-channel TrenchMOS횚 transistor
August 1999 Rev 1.000
PSMN009 PHILIPS-PSMN009 Datasheet
124Kb / 8P
   N-channel TrenchMOS횚 transistor
October 1999 Rev 1.100
PSMN010-55D PHILIPS-PSMN010-55D Datasheet
100Kb / 9P
   N-channel logic level TrenchMOS횚 transistor
October 1999 Rev 1.200
BUK9506-55A PHILIPS-BUK9506-55A Datasheet
67Kb / 8P
   TrenchMOS횚 transistor Logic level FET
December 1998 Rev 1.100
BUK9635-100A PHILIPS-BUK9635-100A Datasheet
59Kb / 7P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.000
BUK9505-30A PHILIPS-BUK9505-30A Datasheet
52Kb / 8P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.100
BUK7515-100A PHILIPS-BUK7515-100A Datasheet
65Kb / 7P
   TrenchMOS횚 transistor Standard level FET
December 1998 Rev 1.100
BUK9540-100A PHILIPS-BUK9540-100A Datasheet
77Kb / 9P
   TrenchMOS횚 transistor Logic level FET
December 1999 Rev 1.000
BUK9606-55A PHILIPS-BUK9606-55A Datasheet
73Kb / 7P
   TrenchMOS횚 transistor Logic level FET
January 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com