Electronic Components Datasheet Search |
|
625 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
625 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 1 page 86 Model 630 K-type Thermocouple Compact Digital Thermometer The 630 is a portable 3 1/2 digit, compact-sized dual input dig- ital thermometer designed to use external K-type thermocouples as temperature sensors. This unit can display the temperature difference between it two inputs. ■ Backlight ■ Display Hold ■ Max. Hold Model 635 Compact Digital Infrared Thermometer The 635 is a portable easy to use 3 digit, compact sized infrared digital thermometer with laser pointer, designed for sim- ple one hand operation. Meter comes with Backlit LCD display, Auto-hold function and auto power down (20 seconds approx.) after releasing MEAS button to extend battery life. ■Laser pointer ■ Reading Hold ■ Adjustable Emissivity Model 625 Compact Digital Thermo-Hygro Meter The 625 is a portable 3 1/2 digit, compact-sized digital Thermo-Hygrometer designed for simplicity and one hand opera- tion. It can measure and display an environment temperature and humidity in a fraction of a second. ■ Backlight ■ Display Hold ■ Max. Hold Measurement Range -58˚ to 2000˚F (-50 to 1300˚C) Resolution 1˚F/˚C, 0.1˚F/˚C Basic Accuracy +(0.3% rdg + 1˚) Sensor Type K-type thermocouple Sample Rate 2.5 times per second Operating Temp. & Humidity 32˚ to 104˚F (0˚ to 40˚C), at < 70% RH Storage Temp. & Humidity -4˚ to 140˚F (-20˚ to 60˚C), 0 to 80% RH with battery removed Power Supply 9V battery Battery Life > 200 hours typical Dimensions (HxWxD) 6.1 x 2.6 x 1.4" (156 x 65.5 x 35mm) Weight 7.05 oz. (200g) Measurement Range -4˚ to 1022˚F (-20˚ to 550˚C) Resolution 1˚C/F Accuracy +2% of reading or +6˚F (3˚C), whichever is greater Spectral Response 6 to 14µm Emissivity 0.10 to 1.00 by steps of 0.01 Field of View 2.5" Ø at 39" (65mmØ at 1000mm) Sample Rate 1 time per second Operating Temp. & Humidity 32˚ to 122˚F (0˚ to 50˚C), at < 70% RH Storage Temp. & Humidity -4˚ to 140˚F (-20˚ to 60˚C), 0 to 80% RH with battery removed Power Supply 9V battery Battery Life > 200 hours typical Dimensions (HxWxD) 6.7 x 2.6 x 1.4" (170 x 65.5 x 35mm) Weight 6.7 oz. (190g) Measurement Range Temperature: 32˚ to 140˚F (0˚ to 60˚C) Humidity 0% to 100% RH. Resolution Temperature: 0.1˚F/C Humidity: 0.1% RH Basic Accuracy Temperature: +1˚F/C Humidity: +2.5% RH Sensor Type Temperature: Thermistor Humidity: Electronic capacitance polymer film sensor Sample Rate 2.5 times per second Operating Temp. & Humidity 32˚ to 131˚F (0˚ to 55˚C), at < 75% RH Storage Temp. & Humidity -68˚ to 131˚F (-20˚ to 55˚C), 0 to 80% RH with battery removed Power Supply 9V battery Battery Life > 200 hours typical Dimensions (HxWxD) 7 x 2.6 x 1.4" (178 x 65.5 x 35mm) Weight 6.0 oz. (170g) Specifications model 630 Specifications model 635 Specifications model 625 One Year Warranty One Year Warranty One Year Warranty 625 635 630 |
Similar Part No. - 625 |
|
Similar Description - 625 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |