Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1510S013D-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1510S013D-T1-FE
Description  Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1510S013D-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1510S013D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1510S013D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
R1510S Series
Automatic Mode Shift 36 V 300 mA LDO
NO.EA-185-140724
1
OUTLINE
The R1510S is a voltage regulator (LDO) IC with a voltage detector (VD) featuring 300mA output current that
is developed with CMOS process technology. Each IC is equipped with a voltage detector and a regulator that
can provide the maximum 36V of operating voltage. This device has ECO function, which achieves low-power
consumption and high-speed transient response by switching the IC to low-power consumption mode at light load
condition and switching to high-speed mode at heavy load condition.
The switching point is internally fixed inside the IC. The IC switches from low-power consumption mode to high-
speed mode when IOUT=12mA (Typ.), and switch from high-speed mode to low-power consumption mode when
IOUT=3mA (Typ.).
Each IC is composed of a reference voltage unit, an error amplifier, a resistor network for setting output voltage,
an output current limit circuit for preventing overcurrent destruction, and a thermal shutdown circuit. The output
voltage and the detector threshold are internally fixed inside the IC.
The output voltage accuracy is ±1.6% and the detector threshold accuracy is ±1.7%. The output voltage type
is Nch open drain. The versions for the IC are selectable from A version (CE, VIN Detector), B version (SENSE
Detector), C version (Release Delay Circuit, VIN Detector), and D version (Release Delay Circuit, VOUT Detector).
FEATURES
Input Voltage Range (Maximum Rating) ·······Max. 36.0V (50V)
Operating Temperature Range ···················-40°C to 105°C
Supply Current ·······································Typ. 110µA (High Speed Mode, VIN=14V)
Supply Current ·······································Typ. 12.5µA (Low-power Consumption Mode, VIN=14V)
Supply Current (Standby Mode) ·················Typ. 10µA (CE=0V, A Version)
Output Voltage Range ······························2.5V to 12.0V (0.1V step)
Dropout Voltage······································Typ. 1.0V (IOUT=300mA, VOUT=5V)
Output Voltage Accuracy···························
±1.6% (Ta=25°C)
Temperature Characteristics ······················Typ.
±150ppm/°C (Output Voltage)
Detector Threshold ··································2.3V to 12.0V (0.1V steps)
Detector Threshold Accuracy ·····················±1.7% (Ta=25°C)
Temperature Characteristics ······················Typ. ±100ppm/°C (Detector Threshold)
Output Type ···········································Nch Open Drain
Line Regulation ······································Typ. 0.01%/V
Package················································HSOP-8E
Built-in Short Current Limit Circuit ···············Typ. 50mA
Built-in Overcurrent Protection Circuit
Built-in Thermal Shutdown Circuit ···············Shutdown Temperature: Typ. 140°C,
·······································································Release Temperature: Typ. 125°C
Ceramic Capacitor Corresponding ··············6.8µF or more


Similar Part No. - R1510S013D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1510S013A NISSHINBO-R1510S013A Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
More results

Similar Description - R1510S013D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
List of Unclassifed Man...
9115 ETC2-9115 Datasheet
732Kb / 5P
   Multi-ranging operation (output up to max power rating within maximum voltage and
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
RICOH electronics devic...
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com