Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1191N130D-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1191N130D-TR-FE
Description  Supply Current Typ. 50uA (Fast Mode)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1191N130D-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1191N130D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1191N130D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
R1191x
5
ELECTRICAL CHARACTERISTICS
VIN=VCE=Set VOUT+3.0V (Max.16V), CIN=2.2
μF, COUT=4.7μF IOUT=1mA, unless otherwise noted.
The values in
are applicable under the condition of
−40°C ≤ Topt ≤ 85°C.
R1191xxxxB/D
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
Topt
=25°C
×0.985
×1.015
Fast Mode VECO=VIN
−40°C ≤ Topt ≤ 85°C
×0.970
×1.030
Topt
=25°C
×0.975
×1.025
VOUT
Output Voltage
Low Power
Mode
VECO=0V
−40°C ≤ Topt ≤ 85°C
×0.960
×1.040
V
ΔVOUT Output Voltage Deviation between Fast Mode and Low Power Mode −1.5
0
1.5
%
IOUT
Output Current
300
mA
Fast Mode
VECO=VIN,
1mA
≤ IOUT ≤ 300mA
50
120
ΔVOUT/
ΔIOUT
Load Regulation
Low Power
Mode
VECO=GND,
1mA
≤ IOUT ≤ 300mA
60
130
mV
VDIF
Dropout Voltage
Refer to the following table
ISS1
Supply Current (Fast Mode)
VECO=VIN, IOUT=0mA
50
100
μA
ISS2
Supply Current
(Low Power Mode)
VECO=GND, IOUT=0mA
6
15
μA
Istandby Supply Current (Standby)
VIN=16V, VCE=0V
(If VOUT < 3.0V, VIN=14V)
0.3
1.0
μA
ΔVOUT/
ΔVIN
Line Regulation
Set VOUT
+0.5V ≤ VIN ≤ 16V
(If Set VOUT < 3.0V, 3.5V
≤ VIN ≤ 14V)
0.02
0.10
%/V
2.0V
≤VOUT<5.0V
70
5.0V
≤VOUT<12V
60
RR
Ripple Rejection
f=1kHz, IOUT=30mA
Ripple 0.2Vp-p,
VIN=VECO=
Set VOUT
+1V
12V
≤ VOUT
60
dB
2.0V
≤ VOUT < 3.0V
14.0
VIN
Input Voltage
3.0V
≤ VOUT
3.5
16.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
−40°C ≤ Topt ≤ 85°C
±80
ppm
/
°C
ISC
Short Current Limit
VOUT=0V
50
mA
VCEH
CE, ECO Input Voltage "H"
1.6
VIN
V
VCEL
CE, ECO Input Voltage "L"
0
0.6
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
150
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
130
°C
RLOW
Low Output Nch Tr. ON
Resistance (of D Version)
VIN=5V, VCE=0V, VOUT=0.3V
150
Ω
IREV
Reverse Current
VOUT> 0.6V, 0V
≤ VIN ≤ 16V
0
0.1
μA
∗) The values in
have been tested and guaranteed by Design Engineering.
All test categories were tested on the products under the pulse load condition (Tj
≈Ta=25
°C) except the
following test categories: ripple rejection, output voltage temperature coefficient, and thermal shutdown.


Similar Part No. - R1191N130D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1191N130D NISSHINBO-R1191N130D Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1191N130D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com