Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1510S012B-T1-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1510S012B-T1-FE
Description  Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1510S012B-T1-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1510S012B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1510S012B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
R1510S
NO.EA-185-140724
6
VIN=14.0V, CE=5.0V, COUT=6.8µF, Rpull-up=100kΩ, Vpull-up=5.0V, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at -40°C ≤ Ta ≤ 105°C.
VR (Continued)
(Ta=25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
ISC
Short Current Limit
VOUT=0V
50
mA
VCEH
CE Input Voltage “H”
1.5
5.5
V
VCEL
CE Input Voltage “L”
0.7
V
VD
(Ta=25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
VIN Detector
Setting Voltage
Range:
2.3 V to 12.0V
Ta=25°C
×0.983
×1.017
V
-40°C ≤ Ta ≤ 105°C
×0.97
×1.03
VHYS
Detector Threshold
Hysteresis
-VDET
×0.025
-VDET
×0.05
-VDET
×0.075
V
VDDL
Minimum Operating
Voltage*1
1.8
V
IOUT2
Output Current
(Nch Driver)
VIN ≥ 1.8V, DOUT=0.1V
0.59
mA
VIN ≥ 3.0V, DOUT=0.1V
1.16
VIN ≥ 4.0V, DOUT=0.1V
1.39
ILEAK
Nch Driver Leakage
Current
DOUT=7V
0.33
μA
VRESET
Pull-up Voltage
5.5
V
Δ-VDET/ΔTa
Detector Threshold
Temperature
Coefficient
-40°C ≤ Ta ≤ 105°C
±100
ppm
/°C
tPLH
Release Output
Delay Time*2
20
μs
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj≈Ta=25°C) except
Output Voltage Temperature Coefficient and Detector Threshold Temperature Coefficient.
∗1) Minimum operating voltage is defined as the power supply voltage of which output voltage becomes lower
than 0.1V at the detection.
∗2) Release output delay time is defined as the time to be taken for VIN to change from 2V to (-VDET) +1V, and
for DOUT output to become “H”.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And the
semiconductor devices may receive serious damage when they continue to operate over the recommended operating
conditions.


Similar Part No. - R1510S012B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1510S012B NISSHINBO-R1510S012B Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
More results

Similar Description - R1510S012B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
List of Unclassifed Man...
9115 ETC2-9115 Datasheet
732Kb / 5P
   Multi-ranging operation (output up to max power rating within maximum voltage and
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
RICOH electronics devic...
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com