Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85116-3T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF85116-3T
Description  Low power CMOS: maximum operating current 1.0 mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116-3T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF85116-3T Datasheet HTML 7Page - NXP Semiconductors PCF85116-3T Datasheet HTML 8Page - NXP Semiconductors PCF85116-3T Datasheet HTML 9Page - NXP Semiconductors PCF85116-3T Datasheet HTML 10Page - NXP Semiconductors PCF85116-3T Datasheet HTML 11Page - NXP Semiconductors PCF85116-3T Datasheet HTML 12Page - NXP Semiconductors PCF85116-3T Datasheet HTML 13Page - NXP Semiconductors PCF85116-3T Datasheet HTML 14Page - NXP Semiconductors PCF85116-3T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Apr 02
11
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
Note
1. The bus capacitance ranges from 10 to 400 pF (Cb = total capacitance of one bus line in pF).
11 I2C-BUS CHARACTERISTICS
All of the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL and
VIH with an input voltage swing from VSS to VDD.
Notes
1. The hold time required (not greater than 300 ns) to bridge the undefined region of the falling edge of SCL must be
internally provided by a transmitter.
2. Cb = total capacitance of one bus line in pF.
SCL input (pin 6)
VIL
LOW level input voltage
−0.8
+0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
6.5
V
ILI
input leakage current
VI =VDD or VSS
−±1
µA
fSCL
clock input frequency
0
400
kHz
tSP
pulse width of spikes suppressed by filter
0
100
ns
CI
input capacitance
VI =VSS
7pF
WP input (pin 7)
VIL
LOW level input voltage
−0.8
+0.1VDD
V
VIH
HIGH level input voltage
0.9VDD
VDD + 0.8
V
Data retention time
tS
data retention time
Tamb =55 °C20
years
SYMBOL
PARAMETER
CONDITIONS
STANDARD MODE
FAST MODE
UNIT
MIN.
MAX.
MIN.
MAX.
fSCL
clock frequency
0
100
0
400
kHz
tBUF
time the bus must be free before
new transmission can start
4.7
1.3
−µs
tHD;STA
START condition hold time after
which first clock pulse is generated
4.0
0.6
−µs
tLOW
LOW level clock period
4.7
1.3
−µs
tHIGH
HIGH level clock period
4.0
0.6
−µs
tSU; STA
set-up time for START condition
repeated start
4.7
0.6
−µs
tHD; DAT
data hold time
for CBUS compatible masters
5
−−
−µs
for I2C-bus devices
note 1
0
0
ns
tSU; DAT
data set-up time
250
100
ns
tr
SDA and SCL rise time
1000
20 + 0.1Cb(2) 300
ns
tf
SDA and SCL fall time
300
20 + 0.1Cb(2) 300
ns
tSU; STO
set-up time for STOP condition
4.0
0.6
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - PCF85116-3T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85116-3T/01 PHILIPS-PCF85116-3T/01 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85116-3TD PHILIPS-PCF85116-3TD Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
More results

Similar Description - PCF85116-3T

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZG-1435-1 JMK-ZG-1435-1 Datasheet
35Kb / 1P
   Operating Voltage = 125 / 250Vac Operating Current = 1.0 Ampere
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
JMK Inc.
ZG-1435-1B JMK-ZG-1435-1B Datasheet
109Kb / 1P
   Operating Voltage = 125/250 Vac Operating Current = 1.0 Ampere
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com