Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2111CP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2111CP
Description  Supply voltage 2.25 to 6.0V
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2111CP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2111CP Datasheet HTML 6Page - NXP Semiconductors PCF2111CP Datasheet HTML 7Page - NXP Semiconductors PCF2111CP Datasheet HTML 8Page - NXP Semiconductors PCF2111CP Datasheet HTML 9Page - NXP Semiconductors PCF2111CP Datasheet HTML 10Page - NXP Semiconductors PCF2111CP Datasheet HTML 11Page - NXP Semiconductors PCF2111CP Datasheet HTML 12Page - NXP Semiconductors PCF2111CP Datasheet HTML 13Page - NXP Semiconductors PCF2111CP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Mar 28
10
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
7.5
Timing
Fig.8 Timing diagram for PCF2100C and PCF2111C.
MLD294
VDD
VSS
SS
DD
0.5 (V
V
)
SS
DD
0.5 (V
V
)
VDD
VSS
SS
DD
0.5 (V
V
)
VDD
VSS
SS
DD
V
V
0
SS
DD
0.5 (V
V
)
SS
DD
(V
V
)
SS
DD
0.5 (V
V
)
SS
DD
V
V
0
SS
DD
0.5 (V
V
)
SS
DD
(V
V
)
BP2
SX
BP1
SX
BP1
BP2
SX
1
f
LCD
OFF / OFF
ON / OFF
OFF / ON
ON / ON
Fig.9 Timing diagram for PCF2112C.
handbook, halfpage
MLD299
VDD
VSS
VDD
VSS
SS
DD
V
V
0
SS
DD
(V
V
)
BP
SX
Segment X
(SX)
BP
1
f
LCD
OFF
ON


Similar Part No. - PCF2111CP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2111CP PHILIPS-PCF2111CP Datasheet
206Kb / 24P
   LCD drivers
1997 Mar 28
PCF2111CP PHILIPS-PCF2111CP Datasheet
147Kb / 24P
   LCD drivers
1997 Mar 28
More results

Similar Description - PCF2111CP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP604T-I MICROCHIP-MCP604T-I Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602T-I MICROCHIP-MCP602T-I Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP601 MICROCHIP-MCP601_07 Datasheet
611Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP601T-E MICROCHIP-MCP601T-E Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602I-P MICROCHIP-MCP602I-P Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602-E MICROCHIP-MCP602-E Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604-I MICROCHIP-MCP604-I Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
logo
Lowpower Semiconductor ...
LP2206 POWER-LP2206 Datasheet
442Kb / 8P
   Wide Operating Voltage Ranges : 2.5V to 6.0V
logo
Microchip Technology
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
   2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
logo
First Components Intern...
FVD61C FCI-FVD61C Datasheet
392Kb / 4P
   FVD61C 50mA STANDARD VOLTAGE DETECTORS Operation voltage range:1.2V to 6.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com