Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1511J080B-T1-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1511J080B-T1-FE
Description  Input Voltage Range 3.5V to 36V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1511J080B-T1-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1511J080B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division R1511J080B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
R1511x
7
ELECTRICAL CHARACTERISTICS
CIN=1.0μF, COUT=6.8μF, unless otherwise noted.
The specification surrounded by
are guaranteed by design engeneering at -40
°C ≤ Ta ≤ +105°C.
R1511xxxxB
(Ta=25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
3.5
36
V
ISS
Supply Current
VIN
=VSET+1.0V, IOUT=0mA
100
180
μA
Istandby Standby Current
VIN
=36V, VCE=0V
0.1
2.0
μA
Ta=25°C
×0.99
×1.01
VOUT
Output Voltage
VIN
=VSET+2.0V
IOUT
=1mA
−40°C≤Ta≤+105°C ×0.98
×1.02
V
VSET≤5.0V
-20
100
ΔVOUT
/
ΔIOUT
Load Regulation
VIN
=VSET+2.0V
1mA≤IOUT≤300mA
5.0V<VSET
-20
120
mV
ΔVOUT
/
ΔVIN
Line Regulation
VSET
+0.5V≤VIN≤36V, IOUT=1mA
0.01
0.02
%/V
3.0V≤VSET≤3.1V
0.98
1.5
3.1V<VSET≤3.4V
0.94
1.4
3.4V<VSET≤3.8V
0.88
1.3
3.8V<VSET≤4.3V
0.79
1.2
4.3V<VSET≤4.9V
0.71
1.1
4.9V<VSET≤5.7V
0.64
1.0
5.7V<VSET≤6.8V
0.59
0.9
6.8V<VSET≤8.3V
0.54
0.8
VDIF
Dropout Voltage
IOUT
=300mA
8.3V<VSET≤9.0V
0.47
0.7
V
ΔVOUT
/
ΔTa
Output Voltage
Temperature Coefficient
VIN
=VSET+2.0V, IOUT=1mA
−40°C≤Ta≤+105°C
±60
ppm
/
°C
ILIM
Output Current Limit
VIN=VSET
+2.5V
450
mA
ISC
Short Current Limit
VOUT
=0V
50
mA
RR
Ripple Rejection
f=1kHz, Ripple=0.5Vpp
IOUT=10mA, VIN=VSET+2.0V
65
dB
VCEH
CE Input Voltage “H”
2.2
36
V
VCEL
CE Input Voltage “L”
0
1.0
V
VCE=5.0V
0.2
0.6
IPD
CE Pull-down Current
VCE=36V
0.5
1.3
μA
TTSD
Thermal Shutdown
Temparature
Junction Temperature
160
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
135
°C
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj≈Ta=25ºC) except for Ripple Rejection
and Output Voltage Temperature Coefficient.


Similar Part No. - R1511J080B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1511J080B NISSHINBO-R1511J080B Datasheet
1Mb / 26P
   300mA 36V Input Regulator
R1511J080B NISSHINBO-R1511J080B Datasheet
1Mb / 26P
   300 mA 36 V Input Regulator for High Temperature Applications
More results

Similar Description - R1511J080B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
2020
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
   3.5V to 30V Input Voltage Range
2012
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com