Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPC740P Datasheet(PDF) 5 Page - Motorola, Inc

Part # XPC740P
Description  MPC750A RISC Microprocessor Hardware Specifications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XPC740P Datasheet(HTML) 5 Page - Motorola, Inc

  XPC740P Datasheet HTML 1Page - Motorola, Inc XPC740P Datasheet HTML 2Page - Motorola, Inc XPC740P Datasheet HTML 3Page - Motorola, Inc XPC740P Datasheet HTML 4Page - Motorola, Inc XPC740P Datasheet HTML 5Page - Motorola, Inc XPC740P Datasheet HTML 6Page - Motorola, Inc XPC740P Datasheet HTML 7Page - Motorola, Inc XPC740P Datasheet HTML 8Page - Motorola, Inc XPC740P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
5
Features
— 3 cycle latency, 1 cycle throughput, double-precision add
— 4 cycle latency, 2 cycle throughput, double-precision multiply-add
— Hardware support for divide
— Hardware support for denormalized numbers
— Time deterministic non-IEEE mode
System unit
— Executes CR logical instructions and miscellaneous system instructions
— Special register transfer instructions
Cache structure
— 32K, 32-byte line, 8-way set associative instruction cache
— 32K, 32-byte line, 8-way set associative data cache
— Single-cycle cache access
— Pseudo-LRU replacement
— Copy-back or write-through data cache (on a page per page basis)
— Supports all PowerPC memory coherency modes
— Non-blocking instruction and data cache (one outstanding miss under hits)
— No snooping of instruction cache
Memory management unit
— 128 entry, 2-way set associative instruction TLB
— 128 entry, 2-way set associative data TLB
— Hardware reload for TLBs
— 4 instruction BATs and 4 data BATs
— Virtual memory support for up to 4 exabytes (252) of virtual memory
— Real memory support for up to 4 gigabytes (232) of physical memory
Level 2 (L2) cache interface (not implemented on MPC740)
— Internal L2 cache controller and 4K-entry tags; external data SRAMs
— 256K, 512K, and 1 Mbyte 2-way set associative L2 cache support
— Copy-back or write-through data cache (on a page basis, or for all L2)
— 64-byte (256K/512K) and 128-byte (1-Mbyte) sectored line size
— Supports flow-through (reg-buf) synchronous burst SRAMs, pipelined (reg-reg) synchronous
burst SRAMs, and pipelined (reg-reg) late-write synchronous burst SRAMs
— Core-to-L2 frequency divisors of ÷1, ÷1.5, ÷2, ÷2.5, and ÷3 supported
Bus interface
— Compatible with 60x processor interface
— 32-bit address bus
— 64-bit data bus
— Bus-to-core frequency multipliers of 3x, 3.5x, 4x, 4.5x, 5x, 5.5x, 6x, 6.5x, 7x, 7.5x, 8x
supported
Integrated power management
— Low-power 2.6/3.3-volt design
— Three static power saving modes: doze, nap, and sleep
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - XPC740P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XPC740P NXP-XPC740P Datasheet
717Kb / 44P
   MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
More results

Similar Description - XPC740P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC750EC NXP-MPC750EC Datasheet
717Kb / 44P
   MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com