Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC740A Datasheet(PDF) 12 Page - Motorola, Inc

Part # PC740A
Description  MPC750A RISC Microprocessor Hardware Specifications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC740A Datasheet(HTML) 12 Page - Motorola, Inc

Back Button PC740A Datasheet HTML 8Page - Motorola, Inc PC740A Datasheet HTML 9Page - Motorola, Inc PC740A Datasheet HTML 10Page - Motorola, Inc PC740A Datasheet HTML 11Page - Motorola, Inc PC740A Datasheet HTML 12Page - Motorola, Inc PC740A Datasheet HTML 13Page - Motorola, Inc PC740A Datasheet HTML 14Page - Motorola, Inc PC740A Datasheet HTML 15Page - Motorola, Inc PC740A Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
MPC750A RISC Microprocessor Hardware Specifications
Electrical and Thermal Characteristics
1.4.2.2 60x Bus Input AC Specifications
Table 9 provides the 60x bus input AC timing specifications for the MPC750 as defined in Figure 4 and
Figure 5. Input timing specifications for the L2 bus are provided in Section 1.4.2.5, “L2 Bus Input AC
Specifications.
Table 9. 60x Bus Input AC Timing Specifications1
At recommended operating conditions (See Table 3)
Num
Characteristic
200, 233, 266 MHz
Unit
Notes
Min
Max
10a
Address/Data/Transfer Attribute Inputs Valid
to SYSCLK (Input Setup)
2.5
ns
2
10b
All Other Inputs Valid to SYSCLK (Input
Setup)
3.0
ns
3
10c
Mode select input setup to HRESET
(DRTRY, TLBISYNC)
8—
t
sysclk
4,5,6,7
11a
SYSCLK to Address/Data/Transfer Attribute
Inputs Invalid (Input Hold)
0
ns
2
11b
SYSCLK to All Other Inputs Invalid (Input
Hold)
0
ns
3
11c
HRESET to mode select input hold (DRTRY,
TLBISYNC)
0
ns
4,6,7
Notes:
1. All input specifications are measured from the TTL level (0.8 to 2.0V) of the signal in question to the 1.4V of
the rising edge of the input SYSCLK. Input and output timings are measured at the pin.
2. Address/Data/Transfer Attribute inputs are composed of the following—A[0–31], AP[0–3], TT[0–4], TBST,
TSIZ[0–2], GBL, DH[0–31], DL[0–31], DP[0–7].
3. All other signal inputs are composed of the following—TS, ABB, DBB, ARTRY, BG, AACK, DBG, DBWO,
TA, DRTRY, TEA, DBDIS, HRESET, SRESET, INT, SMI, MCP, TBEN, QACK, TLBISYNC.
4. The setup and hold time is with respect to the rising edge of HRESET (see Figure 5).
5. tsysclk is the period of the external clock (SYSCLK) in nanoseconds (ns). The numbers given in the table
must be multiplied by the period of SYSCLK to compute the actual time duration (in nanoseconds) of the
parameter in question.
6. Guaranteed by design and characterization.
7. This specification is for configuration mode select only. Also note that the HRESET must be held asserted
for a minimum of 255 bus clocks after the PLL re-lock time during the power-on reset sequence.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - PC740A

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC740 PICKER-PC740 Datasheet
229Kb / 2P
   40 Amp Power Relay
PC740-2A-C-120A-P PICKER-PC740-2A-C-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C1-120A-P PICKER-PC740-2A-C1-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C3-120A-P PICKER-PC740-2A-C3-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C4-120A-P PICKER-PC740-2A-C4-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
More results

Similar Description - PC740A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC750EC NXP-MPC750EC Datasheet
717Kb / 44P
   MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com