Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC740A Datasheet(PDF) 31 Page - Motorola, Inc

Part # PC740A
Description  MPC750A RISC Microprocessor Hardware Specifications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC740A Datasheet(HTML) 31 Page - Motorola, Inc

Back Button PC740A Datasheet HTML 27Page - Motorola, Inc PC740A Datasheet HTML 28Page - Motorola, Inc PC740A Datasheet HTML 29Page - Motorola, Inc PC740A Datasheet HTML 30Page - Motorola, Inc PC740A Datasheet HTML 31Page - Motorola, Inc PC740A Datasheet HTML 32Page - Motorola, Inc PC740A Datasheet HTML 33Page - Motorola, Inc PC740A Datasheet HTML 34Page - Motorola, Inc PC740A Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
31
System Design Information
1.7.4 Mechanical Dimensions of the MPC750
Figure 17 provides the mechanical dimensions and bottom surface nomenclature of the MPC750, 360
CBGA package.
Figure 17. Mechanical Dimensions and Bottom Surface Nomenclature of the MPC750
1.8 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC750.
DIM
MIN
MAX
MILLIMETERS
A
2.72
3.20
A1
0.80
1.00
A2
1.10
1.30
A3
---
0.60
A4
0.82
0.90
b
D
25.00 BSC
D1
22.86 BSC
D2
---
12.50
D3
2.75
---
D4
6.00
9.00
e
1.27 BSC
E
25.00 BSC
E1
22.86 BSC
E2
---
14.30
E3
3.00
---
E4
8.00
11.00
NOTES:
1.
DIMENSIONS AND TOLERANCING PER ASME
Y14.5M, 1994.
2.
DIMENSIONS IN MILLIMETERS.
3.
DIMENSION b IS THE MAXIMUM SOLDER BALL
DIAMETER MEASURED PARALLEL TO DATUM A.
4.
D2AND E2 DEFINE THEAREA OCCUPIED BY THE
DIE AND UNDERFILL. ACTUAL SIZE OF THIS
AREA MAY BE SMALLER THAN SHOWN. D3 AND
E3 ARE THE MINIMUM CLEARANCE FROM THE
PACKAGE EDGE TO THE CHIP CAPACITORS.
5.
CAPACITORS MAY NOT BE PRESENT ON ALL
DEVICES.
6.
CAUTION MUST BE TAKEN NOT TO SHORT
EXPOSED METAL CAPACITOR PADS ON
PACKAGE TOP.
0.3 A
0.15 A
0.25 A
C
L
A
D
E
C
E4
E2
B
PIN A1
INDEX
2X
D4
D2
D3
2X
E3
TOP VIEW
18X
2X
0.2
0.2
2X
0.35 A
0.15 A
B C
0.82
0.93
BOTTOM VIEW
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
123456789 10111213141516171819
C
L
SIDE VIEW
A
D1
E1
360X
b
e
18X
e
A1
A2
A3
A4
360X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - PC740A

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC740 PICKER-PC740 Datasheet
229Kb / 2P
   40 Amp Power Relay
PC740-2A-C-120A-P PICKER-PC740-2A-C-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C1-120A-P PICKER-PC740-2A-C1-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C3-120A-P PICKER-PC740-2A-C3-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C4-120A-P PICKER-PC740-2A-C4-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
More results

Similar Description - PC740A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC750EC NXP-MPC750EC Datasheet
717Kb / 44P
   MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com