Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1511S070C-E2-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1511S070C-E2-FE
Description  Input Voltage Range 3.5V to 36V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1511S070C-E2-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1511S070C-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1511S070C-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
R1511x
4
PIN EQIVALENT CIRCUIT DIAGRAMS
<VOUT Pin>
<CE Pin (R1511xxxxB)>
<VFB Pin (R1511x001C)>
VOUT
Driver
CE
VFB
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
-0.3 to 50
V
VIN
Peak Input Voltage∗1
60
V
VCE
Input Voltage (CE Pin)
-0.3 to 50
V
VFB
Input Voltage (VFB Pin)
-0.3 to 50
V
VOUT
Output Voltage
-0.3 to VIN+0.3 ≤ 50
V
HSOP-6J
1700
PD
Power Dissipation
(Standard Test Land Pattern) ∗2
TO-252-5-P2
1900
mW
Tj
Operating Junction Temperature Range
-40 to +125
°C
Tstg
Storage Temperature Range
-55 to +125
°C
∗1) Duration time: 200ms
∗2) For Power Dissipation, please refer to next page to be described.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent
damages and may degrade the lifetime and safety for both device and system using the device in the field. The
functional operation at or over these absolute maximum ratings are not assured.
RECOMMENDED OPERATING CONDITIONS
Symbol
Item
Rating
Unit
Ta
Operating Temperature Range
-40 to +105
°C
RECOMMENDED OPERATING CONDITIONS (ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And
the semiconductor devices may receive serious damage when they continue to operate over the recommended
operating conditions.


Similar Part No. - R1511S070C-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1511S070B NISSHINBO-R1511S070B Datasheet
1Mb / 26P
   300mA 36V Input Regulator
More results

Similar Description - R1511S070C-E2-FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
2020
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
   3.5V to 30V Input Voltage Range
2012
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com