Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1514S030B-E2-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1514S030B-E2-FE
Description  Input Voltage Max. 36V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514S030B-E2-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1514S030B-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1514S030B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R1514x
5
ELECTRICAL CHARACTERISTICS
R1514xxxxB
Topt=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
4
36
V
ISS
Supply Current
VIN
=VOUT+3.0V, IOUT=0mA
9
20
μA
Istandby
Standby Current
VIN
=36V, VCE=0V
0.1
1.0
μA
VOUT
Output Voltage
VIN
=VOUT+3.0V, IOUT=1mA
×0.98
×1.02
V
IOUT
Output Current
VIN
=VOUT+3.0V
Refer to the following table
ΔVOUT/ΔIOUT Load Regulation
VIN
=VOUT+3.0V,
1mA
≤ IOUT ≤ 40mA
Refer to the following table
ΔVOUT/ΔVIN
Line Regulation
VOUT
+1.5V ≤ VIN ≤ 36V, IOUT=1mA
0.05
0.20
%/V
VDIF
Dropout Voltage
IOUT
=20mA
Refer to the following table
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
VIN
=VOUT+3.0V, IOUT=1mA
−40°C ≤ Topt ≤ 105°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
50
mA
VCEH
CE Input Voltage "H"
1.5
VIN
V
VCEL
CE Input Voltage "L"
0
0.3
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
150
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
125
°C
Output Current by Output Voltage
Topt
=25°C
Dropout Voltage by Output Voltage Topt=25°C
Output Current
IOUT (mA)
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Conditions
Min.
Output Voltage
VOUT (V)
Conditions
Typ.
Max.
2.0
≤ VOUT < 3.0
100
VOUT
=2.0
2.0
3.0
≤ VOUT < 5.0
120
VOUT
=2.1
1.9
5.0
≤ VOUT ≤ 12.0
VIN
=VOUT+3.0V
150
VOUT
=2.2
1.8
VOUT
=2.3
1.7
VOUT
=2.4
1.6
Load Regulation by Output Voltage Topt=25°C
VOUT
=2.5
1.5
Load Regulation
ΔVOUT/ΔIOUT (mV)
VOUT
=2.6
1.4
Output Voltage
VOUT (V)
Conditions
Typ.
Max.
VOUT
=2.7
1.3
2.0
≤ VOUT < 5.0
10
25
VOUT
=2.8
1.2
5.0
≤ VOUT ≤ 12.0
VIN
=VOUT+3.0V
1mA
≤IOUT≤40mA
20
35
VOUT
=2.9
1.1
VOUT
=3.0
1.0
VOUT
=3.1
0.9
VOUT
=3.2
0.8
VOUT
=3.3
0.7
VOUT
=3.4
0.6
VOUT
=3.5
0.5
VOUT
=3.6
0.4
3.7
≤ VOUT < 4.0
0.35
0.60
4.0
≤ VOUT < 5.0
0.25
0.40
5.0
≤ VOUT ≤ 12.0
IOUT
=20mA
0.20
0.35


Similar Part No. - R1514S030B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514S030B RICOH-R1514S030B Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514S030B NISSHINBO-R1514S030B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results

Similar Description - R1514S030B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
   Max. output 36V DC, 2A
20210902-J
logo
Linear Technology
LTC2960 LINER-LTC2960 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com