Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1501S170B-E2-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1501S170B-E2-FE
Description  Supply Current Typ. 70uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1501S170B-E2-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1501S170B-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1501S170B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
R1501x
NO.EA-184-160801
5
ELECTRICAL CHARACTERISTICS
R1501xxxxB
VIN
=VSET+1.0V, VCE=VIN, unless otherwise noted.
The specification in
is checked and guaranteed by design engineering at
−40°C <= Topt <= 105°C.
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
3
24
V
VOUT
Output Voltage
IOUT
=1mA
Topt=25°C
×0.98
×1.02
V
−40°C <
= Topt <
= 105°C
×0.965
×1.035
V
ISS
Supply Current
VIN
=24V, IOUT=0A
70
160
µA
Istandby
Standby Current
VIN
=24V, VCE=0V
0.1
1.0
µA
∆VOUT/∆IOUT Load Regulation
0.1mA <
= IOUT <
= 200mA
25
60
mV
0.1mA <
= IOUT <
= 1A
∗guaranteed by design
engineering
125
300
mV
∆VOUT/∆VIN Line Regulation
VSET
+1V <
= VIN <
= 24V, IOUT=10mA
0.05
0.1
%/V
VDIF
Dropout Voltage
IOUT
=200mA
3.0V <
= VSET < 5.0V
0.135
0.225
V
5.0V <
= VSET < 9.0V
0.115
0.180
9.0V <
= VSET < 12.0V
0.095
0.155
12.0V <
= VSET <
= 18.0V
0.090
0.140
IOUT
=1A
∗guaranteed by
design engineering
3.0V <
= VSET < 5.0V
0.675
1.125
V
5.0V <
= VSET < 9.0V
0.575
0.900
9.0V <
= VSET < 12.0V
0.475
0.775
12.0V <
= VSET <
= 18.0V
0.450
0.700
∆VOUT/∆Topt
Output Voltage
Temperature Coefficient
IOUT
=1mA
−40°C <
= Topt <
= 105°C
±100
ppm
/
°C
ILIM
Output Current
1
A
ISC
Short Current Limit
VOUT
=0V
65
mA
RR
Ripple Rejection
f=1kHz, Ripple 0.5Vp-p,
IOUT=100mA,
VIN=VSET+2V
VSET <
= 6.0V
60
dB
VSET > 6.0V
50
VCEH
CE Input Voltage "H"
2.0
VIN
V
VCEL
CE Input Voltage "L"
0
0.5
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
160
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
135
°C
All of unit are tested and specified under load conditions such that Topt=25°C except for Output Voltage Temperature
Coefficient, Ripple Rejection, Thermal Shutdown Temperature, Thermal Shutdown Released Temperature, Load Regulation
at 0.1mA <
= IOUT <
= 1A, Dropout Voltage at IOUT=1A.


Similar Part No. - R1501S170B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1501S170B NISSHINBO-R1501S170B Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
More results

Similar Description - R1501S170B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com