Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1514S020B-E2-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1514S020B-E2-FE
Description  Input Voltage Max. 36V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514S020B-E2-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1514S020B-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1514S020B-E2-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
R1514x
6
TYPICAL APPLICATION
C1
R1514x
Series
VDD
VOUT
CE
GND
C2
C1=Ceramic 0.1
μF
C2=Ceramic 0.1
μF
VOUT
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
Phase Compensation of the R1514x Series has been made internally for stable operation even though the
load current would vary. Therefore, without the capacitors, C1 and C2, the output voltage is regulated, however,
for more stable operation, use capacitors as C1 and C2. Especially, if the input line is long and impedance is high,
C1 is necessary. Moreover, if you use rather large C2, transient response will be improved. Recommended value
is in the range from 0.1
μF to 10μF. Wiring should be made as short as possible.
Connect the capacitor, C1 between VDD pin and GND pin and C2 between VOUT and GND as close as possible.
GND wiring of mounting on board
No.2 pin and No.4 pin of SOT-89-5 package must be wired to the GND plane. No.2 pin, No.4 pin and No.5 pin
of HSOP-6J package must be wired to the GND plane when it is mounted on board.
Thermal Shutdown
Thermal shutdown function is included in the R1514x Series, if the junction temperature is equal or more than
+150
°C(Typ.), the operation of regulator would stop. After that, when the junction temperature is equal or less
than +125
°C(Typ.), the operation of regulator would restart. Unless the cause of rising temperature would
remove, the regulator repeats on and off, and output waveform would be like consecutive pulses.
Chip Enable Circuit
Do not make voltage level of chip enable pin keep floating level, or in between VCEH and VCEL. Otherwise, the
output voltage would be unstable or indefinite, or unexpected current would flow internally.


Similar Part No. - R1514S020B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514S020B RICOH-R1514S020B Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results

Similar Description - R1514S020B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
   Max. output 36V DC, 2A
20210902-J
logo
Linear Technology
LTC2960 LINER-LTC2960 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com