Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1510S006A-T1-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1510S006A-T1-FE
Description  Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1510S006A-T1-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1510S006A-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1510S006A-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
R1510S
NO.EA-185-140724
2
APPLICATIONS
Power source for notebook PCs, digital TVs, telephones, private LAN systems, etc.
Power source for office equipments such as copiers, printers, facsimiles, scanners, and projectors
BLOCK DIAGRAMS
R1510SxxxA
(CE Pin, VIN Detector)
R1510SxxxB
(SENSE Detector)
VDD
1
3
5
GND
VOUT
CE
Vref
2
Current Limit
DOUT
4
Vref
Internal
Supply Voltage
Thermal
Shutdown
VDD
1
3
5
GND
VOUT
SENSE
Vref
2
Current Limit
DOUT
4
Vref
Internal
Supply Voltage
Thermal
Shutdown
R1510SxxxC
(CD Pin, VIN Detector)
R1510SxxxD
(CD Pin, VOUT Detector)
VDD
1
3
5
GND
VOUT
CD
Vref
2
Current Limit
DOUT
4
Vref
Internal
Supply Voltage
Thermal
Shutdown
VDD
1
3
5
GND
VOUT
CD
Vref
2
Current Limit
VDET
4
Vref
Internal
Supply Voltage
Thermal
Shutdown


Similar Part No. - R1510S006A-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1510S006A NISSHINBO-R1510S006A Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
More results

Similar Description - R1510S006A-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
List of Unclassifed Man...
9115 ETC2-9115 Datasheet
732Kb / 5P
   Multi-ranging operation (output up to max power rating within maximum voltage and
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
RICOH electronics devic...
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com