Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1501 Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1501
Description  Supply Current Typ. 70uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1501 Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1501 Datasheet HTML 6Page - RICOH electronics devices division R1501 Datasheet HTML 7Page - RICOH electronics devices division R1501 Datasheet HTML 8Page - RICOH electronics devices division R1501 Datasheet HTML 9Page - RICOH electronics devices division R1501 Datasheet HTML 10Page - RICOH electronics devices division R1501 Datasheet HTML 11Page - RICOH electronics devices division R1501 Datasheet HTML 12Page - RICOH electronics devices division R1501 Datasheet HTML 13Page - RICOH electronics devices division R1501 Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
R1501x
NO.EA-184-160801
10
TYPICAL CHARACTERISTICS
∗Topt=25°C, unless otherwise noted.
1) Output Voltage vs. Output Current (C1
=Ceramic 0.47µF, C2=Ceramic 10µF)
R1501x030B
R1501x050B
R1501x090B
R1501x180B
2) Output Voltage vs. Input Voltage (C1
=Ceramic 0.47µF, C2=Ceramic 10µF)
R1501x030B
R1501x050B


Similar Part No. - R1501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1501C2NBB ETC2-R1501C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
logo
Nisshinbo Micro Devices...
R1501J030B NISSHINBO-R1501J030B Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
R1501J031B NISSHINBO-R1501J031B Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
R1501J032B NISSHINBO-R1501J032B Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
R1501J033B NISSHINBO-R1501J033B Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
More results

Similar Description - R1501

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com