Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1701 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1701
Description  150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1701 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1701 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1701 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AIC1701
2
ORDERING INFORMATION
PIN CONFIGURATION
SOT-23
TOP VIEW
1: GND
2: VOUT
3: VIN
Example :
AIC1701-18GU3TR
 1.8V Output Voltage,
Green SOT-23 Package
Tape & Reel Packing Type
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
U3: SOT-23
X3: SOT-89
DA: DFN-6 (2*2)
G: Green Package
OUTPUT VOLTAGE
08:
0.8V
10:
1.0V
12:
1.2V
15:
1.5V
18:
1.8V
20:
2.0V
21:
2.1V
25:
2.5V
33:
3.3V
50:
5.0V
(Of a unit of 0.1V within
0.8~5.0V, additional
voltage versions are
available on demand)
AIC1701-XX X XX XX
DFN-6 (2mmx2mm)
TOP VIEW
NC
6
4
5 GND
NC
1
3
2
VIN
NC
VOUT
SOT-89
TOP VIEW
1: GND
2: VIN
3: VOU T


Similar Part No. - AIC1701

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
More results

Similar Description - AIC1701

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com