Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1086 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1086
Description  1.5A Low Dropout Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1086 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1086 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC1086
1.5A Low Dropout Positive Regulator
Analog Integrations Corporation
Si-Soft Research Center
DS-1086G-02
20121225
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Dropout Voltage 1.3V at 1.5A Output Current.
Fast Transient Response.
Line Regulation, typical at 0.015%.
Load Regulation, typical at 0.1%.
Current Limiting and Thermal Protection.
Adjustable Output Voltage or Fixed at 1.8V, 2.5V,
2.85V, 3.3V, and 5V.
Standard 3-Pin Power Packages.
APPLICATIONS
Post Regulator for Switching Supply.
Battery Chargers.
PC Add-On Card.
DESCRIPTION
The AIC1086 is a low dropout three-terminal
regulator designed to provide output current up
to 1.5A. The device is available in an adjustable
version and fixed output voltage of 1.8V, 2.5V,
2.85V,
3.3V
and
5V.
Dropout
voltage
of
maximum of 1.5V is guaranteed at 1.5A output
current. The quality of low dropout voltage and
fast transient response make this device ideal
for low voltage microprocessor applications.
The AIC1086 requires output capacitance of a
minimum of 10
μF for stability. Built-in output
current limiting and thermal limiting provide
maximal protection to the AIC1086 against fault
conditions.
TYPICAL APPLICATION CIRCUIT
C2
10
F
(Note1)
VOUT
3.3V
VIN
5V
+
+
VREF
RF2
205
1%
ADJ
AIC1086
C1
10
F
2
3
1
RF1
125
1%
VREF=VOUT - VADJ=1.25V (typ.)
VOUT=VREF x (1+RF2/RF1)+ IADJ x RF2
IADJ=55A (typ.)
(1) C1 needed if device is far away from filter
capacitors.
(2) C2 required for stability.
Adjustable Voltage Regulator
C2
10
F
(Note1)
VOUT
3.3V
VIN
5V
+
+
GND
C1
10
F
AIC1086-33
2
3
1
Fixed Voltage Regulator


Similar Part No. - AIC1086

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-28CE AIC-AIC1086-28CE Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-28CM AIC-AIC1086-28CM Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-28CT AIC-AIC1086-28CT Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
AIC1086-28CY AIC-AIC1086-28CY Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - AIC1086

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com