Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1086 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part No. AIC1086
Description  1.5A Low Dropout Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIC [Analog Intergrations Corporation]
Homepage  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1086 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1086 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1086 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AIC1086
8
PHYSICAL DIMENSIONS
TO-220 (unit: mm)
SECTION A-A
b
A2
b2
e
AA
E
P
A
WITH PLATING
BASE METAL
A1
E1
THERMAL PAD
2.54
5.85
1.15
3.54
12.70
2.04
0.51
2.54 BSC
6.86
14.23
0.35
0.38
H1
Q
P
L1
L
A2
D
e
A1
E1
c
b2
b
6.85
3.42
6.35
4.08
14.73
2.92
1.77
1.39
8.90
16.51
0.61
1.01
3.56
MIN.
S
Y
M
B
O
L
A
4.82
MAX.
TO-220
MILLIMETERS
D1
8.38
9.02
--
9.66
E
10.66
D2
11.75
12.88
Note: 1. Refer to JEDEC TO-220AB.
2. Dimension "E" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side .
3. Dimension "D1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn