Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4922-1ACPZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4922-1ACPZ-RL7
Description  High Voltage, Differential 18-Bit ADC Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4922-1ACPZ-RL7 Datasheet HTML 2Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 3Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 9Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
ADA4922-1
Rev. A | Page 5 of 19
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
26 V
Power Dissipation
See Figure 3
Storage Temperature Range
–65°C to +125°C
Operating Temperature Range
–40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in the circuit board with its
exposed paddle soldered to a pad on the PCB surface that is
thermally connected to a copper plane, with zero airflow.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC with EP on 4-Layer Board
79
25
C/W
8-Lead LFCSP with EP on 4-Layer Board
81
17
C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADA4922-1
package is limited by the associated rise in junction temperature
(TJ) on the die. At approximately 150°C, which is the glass
transition temperature, the plastic changes its properties. Even
temporarily exceeding this temperature limit can change the
stresses that the package exerts on the die, permanently shifting
the parametric performance of the ADA4922-1. Exceeding a
junction temperature of 150°C for an extended period can
result in changes in the silicon devices potentially causing
failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The power dissipated due to the load
drive depends upon the particular application. For each output,
the power due to load drive is calculated by multiplying the load
current by the associated voltage drop across the device. The
power dissipated due to all of the loads is equal to the sum of
the power dissipation due to each individual load. RMS voltages
and currents must be used in these calculations.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θJA. The exposed paddle on the underside of the
package must be soldered to a pad on the PCB surface that is
thermally connected to a copper plane to achieve the specified θJA.
Figure 3 shows the maximum safe power dissipation in the
packages vs. the ambient temperature for the 8-lead SOIC
(79°C/W) and for the 8-lead LFCSP (81°C/W) on a JEDEC
standard 4-layer board, each with its underside paddle soldered
to a pad that is thermally connected to a PCB plane. θJA values
are approximations.
3.0
0
–40
80
AMBIENT TEMPERATURE (
C)
2.5
2.0
1.5
1.0
0.5
–20
0
20
40
60
SOIC
LFCSP
Figure 3. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION


Similar Part No. - ADA4922-1ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1ACPZ-RL7 AD-ADA4922-1ACPZ-RL7 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
More results

Similar Description - ADA4922-1ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4922-1 AD-ADA4922-1 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
   Single-Supply, Differential, 18-Bit ADC Driver
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com