Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4927-1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4927-1
Description  Ultralow Distortion Current Feedback Differential ADC Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4927-1_16 Datasheet HTML 3Page - Analog Devices ADA4927-1_16 Datasheet HTML 4Page - Analog Devices ADA4927-1_16 Datasheet HTML 5Page - Analog Devices ADA4927-1_16 Datasheet HTML 6Page - Analog Devices ADA4927-1_16 Datasheet HTML 7Page - Analog Devices ADA4927-1_16 Datasheet HTML 8Page - Analog Devices ADA4927-1_16 Datasheet HTML 9Page - Analog Devices ADA4927-1_16 Datasheet HTML 10Page - Analog Devices ADA4927-1_16 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
ADA4927-1/ADA4927-2
Rev. B | Page 7 of 25
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
11 V
Power Dissipation
See Figure 4
Input Currents +IN, −IN, PD
±5 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the device (including exposed pad) soldered
to a high thermal conductivity 2s2p circuit board, as described
in EIA/JESD 51-7.
Table 8.
Package Type
θJA
Unit
16-Lead LFCSP (Exposed Pad)
87
°C/W
24-Lead LFCSP (Exposed Pad)
47
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADA4927 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes the properties. Even
temporarily exceeding this temperature limit can change the
stresses that the package exerts on the die, permanently shifting
the parametric performance of the ADA4927. Exceeding a
junction temperature of 150°C for an extended period can result
in changes in the silicon devices, potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive. The quiescent power is the voltage
between the supply pins (VS) times the quiescent current (IS).
The power dissipated due to the load drive depends upon the
particular application. The power due to load drive is calculated
by multiplying the load current by the associated voltage drop
across the device. RMS voltages and currents must be used in
these calculations.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads/
exposed pad from metal traces, throughholes, ground, and power
planes reduces θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the single 16-lead LFCSP
(87°C/W) and the dual 24-lead LFCSP (47°C/W) on a JEDEC
standard
4-layer board with the exposed pad soldered to a PCB pad that
is connected to a solid plane.
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
ADA4927-2
ADA4927-1
Figure 4. Maximum Power Dissipation vs.
Ambient Temperature for a 4-Layer Board
ESD CAUTION


Similar Part No. - ADA4927-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4927-1YCPZ-R2 AD-ADA4927-1YCPZ-R2 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1YCPZ-R7 AD-ADA4927-1YCPZ-R7 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1YCPZ-RL AD-ADA4927-1YCPZ-RL Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
More results

Similar Description - ADA4927-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
   Ultralow Distortion Differential ADC Driver
REV. 0
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com