Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8228ARZ1 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8228ARZ1
Description  Low Gain Drift Precision Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228ARZ1 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8228ARZ1 Datasheet HTML 6Page - Analog Devices AD8228ARZ1 Datasheet HTML 7Page - Analog Devices AD8228ARZ1 Datasheet HTML 8Page - Analog Devices AD8228ARZ1 Datasheet HTML 9Page - Analog Devices AD8228ARZ1 Datasheet HTML 10Page - Analog Devices AD8228ARZ1 Datasheet HTML 11Page - Analog Devices AD8228ARZ1 Datasheet HTML 12Page - Analog Devices AD8228ARZ1 Datasheet HTML 13Page - Analog Devices AD8228ARZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD8228
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15 V, RL = 10 kΩ, unless otherwise noted.
70
60
50
40
30
20
10
0
–100
–50
0
50
100
G10 SYSTEM VOS RTI @ 15V (µV)
MEAN: –5.5
SD: 12.4
Figure 3. Typical Distribution of Input Offset Voltage (G = 10)
60
50
40
30
20
10
0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
G10 SYSTEM VOS DRIFT RTI (µV)
MEAN: –0.079
SD: 0.27
Figure 4. Typical Distribution of Input Offset Voltage Drift (G = 10)
80
60
40
20
0
–100
–50
0
50
100
G100 SYSTEM VOS RTI @ 15V (µV)
MEAN: 7.1
SD: 10.1
Figure 5. Typical Distribution of Input Offset Voltage (G = 100)
100
80
60
40
20
0
–1.0
–0.5
0
0.5
1.0
1.5
G100 SYSTEM VOS DRIFT RTI (µV)
MEAN: 0.20
SD: 0.12
Figure 6. Typical Distribution of Input Offset Voltage Drift (G = 100)
100
80
60
40
20
0
–3
–2
–1
0
1
2
3
CMRR G100 RTI (µV/V)
MEAN: 0.29
SD: 0.27
Figure 7. Typical Distribution for CMR (G = 100)
100
120
80
60
40
20
0
1.5
–0.5
0
0.5
1.0
NEG IBIAS CURRENTS ±15V (nA)
MEAN: 0.42
SD: 0.08
Figure 8. Typical Distribution of Input Bias Current


Similar Part No. - AD8228ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8228ARZ AD-AD8228ARZ Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228ARZ-R7 AD-AD8228ARZ-R7 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228ARZ-RL AD-AD8228ARZ-RL Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
More results

Similar Description - AD8228ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
   Low Drift INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com