Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8138AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD8138AR
Description  Low Distortion, Differential ADC Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138AR Datasheet(HTML) 4 Page - Analog Devices

  AD8138AR Datasheet HTML 1Page - Analog Devices AD8138AR Datasheet HTML 2Page - Analog Devices AD8138AR Datasheet HTML 3Page - Analog Devices AD8138AR Datasheet HTML 4Page - Analog Devices AD8138AR Datasheet HTML 5Page - Analog Devices AD8138AR Datasheet HTML 6Page - Analog Devices AD8138AR Datasheet HTML 7Page - Analog Devices AD8138AR Datasheet HTML 8Page - Analog Devices AD8138AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
AD8138
Rev. G | Page 3 of 24
SPECIFICATIONS
±DIN TO ±OUT SPECIFICATIONS
At 25°C, VS = ±5 V, VOCM = 0, G = +1, RL, dm = 500 Ω, unless otherwise noted. Refer to Figure 39 for test setup and label descriptions. All
specifications refer to single-ended input and differential outputs, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.5 V p-p, CF = 0 pF
290
320
MHz
VOUT = 0.5 V p-p, CF = 1 pF
225
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.5 V p-p, CF = 0 pF
30
MHz
Large Signal Bandwidth
VOUT = 2 V p-p, CF = 0 pF
265
MHz
Slew Rate
VOUT = 2 V p-p, CF = 0 pF
1150
V/µs
Settling Time
0.01%, VOUT = 2 V p-p, CF = 1 pF
16
ns
Overdrive Recovery Time
VIN = 5 V to 0 V step, G = +2
4
ns
NOISE/HARMONIC PERFORMANCE1
Second Harmonic
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−94
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−87
dBc
VOUT = 2 V p-p, 70 MHz, RL, dm = 800 Ω
−62
dBc
Third Harmonic
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−114
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−85
dBc
VOUT = 2 V p-p, 70 MHz, RL, dm = 800 Ω
−57
dBc
IMD
20 MHz
−77
dBc
IP3
20 MHz
37
dBm
Voltage Noise (RTI)
f = 100 kHz to 40 MHz
5
nV/√Hz
Input Current Noise
f = 100 kHz to 40 MHz
2
pA/√Hz
INPUT CHARACTERISTICS
Offset Voltage
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = VOCM = 0 V
−2.5
±1
+2.5
mV
TMIN to TMAX variation
±4
µV/°C
Input Bias Current
3.5
7
µA
TMIN to TMAX variation
−0.01
µA/°C
Input Resistance
Differential
6
MΩ
Common mode
3
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
−4.7 to +3.4
V
CMRR
∆VOUT, dm/∆VIN, cm; ∆VIN, cm = ±1 V
−77
−70
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT; single-ended output
7.75
V p-p
Output Current
95
mA
Output Balance Error
∆VOUT, cm/∆VOUT, dm; ∆VOUT, dm = 1 V
−66
dB
1
Harmonic distortion performance is equal or slightly worse with higher values of RL, dm. See Figure 17 and Figure 18 for more information.


Similar Part No. - AD8138AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138AR AD-AD8138AR Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138AR AD-AD8138AR Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
logo
List of Unclassifed Man...
AD8138AR ETC2-AD8138AR Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD8138AR-REEL AD-AD8138AR-REEL Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138AR-REEL AD-AD8138AR-REEL Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
More results

Similar Description - AD8138AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
   Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com