Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC490 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC490
Description  Point-to-Point Radios
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490 Datasheet(HTML) 3 Page - Analog Devices

  HMC490 Datasheet HTML 1Page - Analog Devices HMC490 Datasheet HTML 2Page - Analog Devices HMC490 Datasheet HTML 3Page - Analog Devices HMC490 Datasheet HTML 4Page - Analog Devices HMC490 Datasheet HTML 5Page - Analog Devices HMC490 Datasheet HTML 6Page - Analog Devices HMC490 Datasheet HTML 7Page - Analog Devices HMC490 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC490
v03.0213
GaAs pHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 17 GHz
P1dB vs. Temperature
Gain & Noise Figure vs.
Supply Voltage@ 14 GHz, Idd= 200 mA
Power Compression @ 14 GHz
Psat vs. Temperature
Gain, Noise Figure & Output IP3 vs.
Supply Current @ 14 GHz, Vdd= 5V*
* Idd is controlled by varying Vgg
Power Dissipation
0
4
8
12
16
20
24
28
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
20
22
24
26
28
30
0
1
2
3
4
5
3
3.5
4
4.5
5
5.5
Gain
Noise Figure
Vdd (V)
0
5
10
15
20
25
30
35
-10
-8
-6
-4
-2
0
2
4
6
Pout
Gain
PAE
INPUT POWER (dBm)
14
18
22
26
30
34
0
1
2
3
4
5
100
125
150
175
200
Gain
IP3
Noise Figure
Idd (mA)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-10
-8
-6
-4
-2
0
2
4
6
Max Pdis @ 85C
12 GHz
13 GHz
14 GHz
15 GHz
16 GHz
INPUT POWER (dBm)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC490

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC490 HITTITE-HMC490 Datasheet
217Kb / 8P
   GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490 HITTITE-HMC490 Datasheet
265Kb / 6P
   GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490 HITTITE-HMC490 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC490 AD-HMC490 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC490

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
   Point to point radios
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
   Point-to-Point Radios
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
   Point-to-Point Radios
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
   Point-to-Point Radios
HMC633LC4 AD-HMC633LC4 Datasheet
425Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
   Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
   Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com