Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8226 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8226
Description  Low Cost Low Power Instrumentation Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8226 Datasheet HTML 6Page - Analog Devices AD8226 Datasheet HTML 7Page - Analog Devices AD8226 Datasheet HTML 8Page - Analog Devices AD8226 Datasheet HTML 9Page - Analog Devices AD8226 Datasheet HTML 10Page - Analog Devices AD8226 Datasheet HTML 11Page - Analog Devices AD8226 Datasheet HTML 12Page - Analog Devices AD8226 Datasheet HTML 13Page - Analog Devices AD8226 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD620
Rev. H | Page 9 of 20
LOAD RESISTANCE (
Ω)
30
0
0
10k
20
10
100
1k
VS = ±15V
G = 10
Figure 21. Output Voltage Swing vs. Load Resistance
. ... ... . ... . .. .. . ... ... . .. .. . ... .... .. ..
. ... ... . ... . .. .. . ... ... . .. .. . ... .... .. ..
Figure 22. Large Signal Pulse Response and Settling Time
G = 1 (0.5 mV = 0.01%)
.. .. . ... ... . .. .. ... . .. .. .... ... . .. .. ... .
.. .. . ... ... . .. .. ... . .. .. .... ... . .. .. ... .
Figure 23. Small Signal Response, G = 1, RL = 2 kΩ, CL = 100 pF
. ... . ... .... ... . . ... .... .. .. .. .. . ... ... .
. ... . ... .... ... . . ... .... .. .. .. .. . ... ... .
Figure 24. Large Signal Response and Settling Time, G = 10 (0.5 mV = 0.01%)
. ... . ... .... .. .. . ... .... .. .. .. .. . ... ... .
. ... . ... .... .. .. . ... .... .. .. .. .. . ... ... .
Figure 25. Small Signal Response, G = 10, RL = 2 kΩ, CL = 100 pF
.. .. .. .. .. .. .. .. .. .. . ... . ... .. .. .. .. . .. .
.. .. .. .. .. .. .. .. .. .. . ... . ... .. .. .. .. . .. .
Figure 26. Large Signal Response and Settling Time, G = 100 (0.5 mV = 0.01%)


Similar Part No. - AD8226

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226 AD-AD8226 Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8226 AD-AD8226 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8226 AD-AD8226 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8226 AD-AD8226 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
More results

Similar Description - AD8226

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD622 AD-AD622_1 Datasheet
395Kb / 16P
   Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com