Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC282-1 Datasheet(PDF) 14 Page - Texas Instruments

Part No. UC282-1
Description  FAST LDO LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC282-1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button UC282-1 Datasheet HTML 10Page - Texas Instruments UC282-1 Datasheet HTML 11Page - Texas Instruments UC282-1 Datasheet HTML 12Page - Texas Instruments UC282-1 Datasheet HTML 13Page - Texas Instruments UC282-1 Datasheet HTML 14Page - Texas Instruments UC282-1 Datasheet HTML 15Page - Texas Instruments UC282-1 Datasheet HTML 16Page - Texas Instruments UC282-1 Datasheet HTML 17Page - Texas Instruments UC282-1 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
PACKAGE OUTLINE
C
B
9.25
7.67
6.86
5.69
3.05
2.54
14.73
12.29
5X
1.02
0.64
4X 1.7
8.89
6.86
12.88
10.08
(6.275)
4.83
4.06
1.40
1.14
3.05
2.03
0.61
0.30
-3.96
3.71
6.8
2X (R1)
OPTIONAL
16.51
MAX
A
10.67
9.65
(4.25)
4215009/A 01/2017
TO-220 - 16.51 mm max height
KC0005A
TO-220
NOTES:
1. All controlling linear dimensions are in inches. Dimensions in brackets are in millimeters. Any dimension in brackets or parenthesis are for
reference only. Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Shape may vary per different assembly sites.
0.25
C A B
PIN 1 ID
(OPTIONAL)
1
5
OPTIONAL
CHAMFER
SCALE 0.850
NOTE 3
1
5
A
A
A
A


Similar Part No. - UC282-1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UC282-1 TI-UC282-1 Datasheet
141Kb / 13P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
More results

Similar Description - UC282-1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC282-1 TI-UC282-1 Datasheet
141Kb / 13P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
SemiWell Semiconductor
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
List of Unclassifed Manufacturers
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
DATEL, Inc.
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
List of Unclassifed Manufacturers
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz