Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5165YQDGSTQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5165YQDGSTQ1
Description  3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5165YQDGSTQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LM5165YQDGSTQ1 Datasheet HTML 1Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 2Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 3Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 4Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 5Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 6Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 7Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 8Page - Texas Instruments LM5165YQDGSTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
LM5165-Q1
www.ti.com
SNVSAJ3A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: LM5165-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Fixed output versions.
(4)
Adjustable output version.
(5)
High junction temperatures degrade operating lifetime. Operating lifetime is derated for junction temperatures greater than 125°C.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted).
(1)
PARAMETER
MIN
MAX
UNIT
VIN to GND
–0.3
68
V
EN to GND
–0.3
VIN + 0.3
SW to GND
–0.7
VIN + 0.3
20-ns transient
–3
PGOOD, VOUT(3) to GND
Survives short to automotive battery voltage
–0.3
16
HYS to GND
–0.3
7
ILIM, SS, RT, FB(4) to GND
–0.3
3.6
TJ
Maximum junction temperature(5)
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500 V HBM allows safe
manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250 V CDM allows safe
manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002(1)(2)
±2000
V
Charged device model (CDM), per
AEC Q100-011(3)
Corner pins (SW, RT, PGOOD, GND)
±750
Other pins
±500


Similar Part No. - LM5165YQDGSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165YQDGSTQ1 TI-LM5165YQDGSTQ1 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
More results

Similar Description - LM5165YQDGSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPSM265R1 TI1-TPSM265R1 Datasheet
674Kb / 29P
[Old version datasheet]   TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com