Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5165QDRCTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5165QDRCTQ1
Description  3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5165QDRCTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LM5165QDRCTQ1 Datasheet HTML 1Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 2Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 3Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 4Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 5Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 6Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 7Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 8Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
SS
ILIM
RT
PGOOD
SW
FB
GND
EN
VIN
HYS
1
2
3
4
5
10
9
8
7
6
SS
ILIM
RT
PGOOD
SW
VOUT
GND
EN
VIN
HYS
1
2
3
4
5
10
9
8
7
6
LM5165X, LM5165Y
Fixed Output Versions
LM5165
Adjustable Output Version
4
LM5165-Q1
SNVSAJ3A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM5165-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
P = Power, G = Ground, I = Input, O = Output.
5 Pin Configuration and Functions
DRC Package
10-Pin VSON with Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
SW
1
P
Switching node that is internally connected to the drain of the high-side PMOS buck switch and the drain of
the low-side NMOS synchronous rectifier. Connect to the switching side of the power inductor.
VIN
2
P
Regulator supply input pin to high-side power MOSFET and internal bias rail LDO. Connect to input supply
and input capacitor CIN. Path from VIN to the input capacitor must be as short as possible.
ILIM
3
I
Programming pin for current limit. Connecting the appropriate resistor from ILIM to GND selects one of four
pre-set current limit options. Short ILIM to GND for the maximum current setting.
SS
4
I
Programming pin for the soft-start time. If a 100-k
Ω resistor is connected from SS to GND, the internal soft-
start circuit is disabled and the FB comparator reference steps immediately from zero to full value when the
regulator is enabled by the EN input. If the SS pin is left open, the internal soft-start circuit ramps the FB
reference from zero to full value in 900 µs. If an appropriate capacitance is connected to the SS pin, the
soft-start time can be programmed as required.
RT
5
I
Mode selection and on-time programming pin for Constant On-Time (COT) control. Short RT to GND to
select PFM (pulse frequency modulation) operation. Connect a resistor from RT to GND to program the on-
time, which sets the switching frequency for COT.
PGOOD
6
O
Power Good output flag pin. PGOOD is connected to the drain of an NFET that holds the pin low when
either FB or VOUT is below the regulation target. Use a pull-up resistor of 10 k
Ω to 100 kΩ to the system
voltage rail or VOUT (no higher than 12 V).
EN
7
I
Input pin of the precision enable / UVLO comparator. The converter is enabled when the EN voltage is
greater than 1.212V.
VOUT/FB
8
I
Feedback input to voltage regulation loop. The VOUT pin connects the internal feedback resistor divider to
the regulator output voltage for fixed 3.3V and 5V options. The FB pin connects the internal feedback
comparator to an external resistor divider for the adjustable output voltage option. The FB comparator
reference voltage is nominally 1.223V.
HYS
9
O
Drain of an internal NFET that is turned off when the EN input is greater than the EN threshold. An external
resistor from HYS to the EN pin UVLO resistor divider programs the input UVLO hysteresis voltage.
GND
10
G
Regulator ground return.
PAD
-
P
Exposed pad. Connect to the GND pin and system ground on PCB. Path to CIN must be as short as
possible.


Similar Part No. - LM5165QDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165QDRCTQ1 TI1-LM5165QDRCTQ1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165QDRCTQ1 TI-LM5165QDRCTQ1 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
More results

Similar Description - LM5165QDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPSM265R1 TI1-TPSM265R1 Datasheet
674Kb / 29P
[Old version datasheet]   TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com