Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61E0M-SIAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E0M-SIAT
Description  Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E0M-SIAT Datasheet(HTML) 5 Page - Texas Instruments

  LMK61E0M-SIAT Datasheet HTML 1Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 2Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 3Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 4Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 5Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 6Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 7Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 8Page - Texas Instruments LMK61E0M-SIAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
LMK61E0M
www.ti.com
SNAS692 – JANUARY 2017
Product Folder Links: LMK61E0M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
3.3-V LVCMOS Output Characteristics
(1) (continued)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C, outputs loaded with 2 pF to GND
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Ensured by characterization.
tR/tF
(2)
Output Rise/Fall Time
20% to 80%, R22[7:6] = 0x2
1.1
ns
20% to 80%, R22[7:6] = 0x0
0.2
ns
PN-Floor
Output Phase Noise Floor
(fOFFSET > 10 MHz)
70.656 MHz
-150
dBc/Hz
ODC(2)
Output Duty Cycle
Fast mode, R22[7:6] = 0x0
45%
55%
ROUT
Output Impedance
50
Ω
6.7 OE Input Characteristics
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.6
V
IIH
Input High Current
VIH = VDD
-40
40
µA
IIL
Input Low Current
VIL = GND
-40
40
µA
CIN
Input Capacitance
2
pF
6.8 ADD Input Characteristics
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
0.4
V
IIH
Input High Current
VIH = VDD
–40
40
µA
IIL
Input Low Current
VIL = GND
–40
40
µA
CIN
Input Capacitance
2
pF
(1)
Ensured by characterization.
6.9 Frequency Tolerance Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fT
Total Frequency Tolerance
All frequency bands and device junction
temperature up to 120°C; includes initial freq
tolerance, temperature & supply voltage
variation, and 5 year aging at 40°C ambient
temperature
–25
25
ppm
6.10 Frequency Margining Characteristics
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fT
Frequency Margining Range
from Nominal
–1000
1000
ppm


Similar Part No. - LMK61E0M-SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E0M-SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com