Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61E0M-SIAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E0M-SIAR
Description  Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E0M-SIAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK61E0M-SIAR Datasheet HTML 7Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 8Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 9Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 10Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 11Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 12Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 13Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 14Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
LMK61E0M
www.ti.com
SNAS692 – JANUARY 2017
Product Folder Links: LMK61E0M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Integrated Oscillator
The integrated oscillator in LMK61E0 features programmable load capacitances that can be set for the device to
either operate at exactly its nominal oscillation frequency or operate at a fixed frequency offset from its nominal
oscillation frequency. This is done by programming R16 and R17. More details on frequency margining are
provided in Fine Frequency Margining.
8.3.6 Reference Divider and Doubler
The reference path has a divider and frequency doubler. The reference divider can be bypassed by programming
R24[0] = 0 or can be set to divide-by-4 by programming R24[0] = 1. Enabling the divider results in a lower
comparison frequency for the PLL and would result in a 6 dB increase in the in-band phase noise at the output of
the LMK61E0 but would result in a finer frequency resolution at the output for every bit change in the numerator
of fractional feedback divider. The reference doubler can be enabled by programming R34[5] = 1. Bypassing the
divider allows for a higher comparison rate and improved in-band phase noise at the output of the LMK61E0.
Enabling the doubler allows a higher comparison frequency for the PLL and would result in a 3 dB reduction in
the in-band phase noise at the output of the LMK61E0. Enabling the doubler also results in higher reference and
phase detector spurs which will be minimized by enabling the higher order components (R3, C3) of the loop filter
and programming them to appropriate values. Disabling the doubler would result in a finer frequency resolution at
the output for every bit change in the numerator of the fractional feedback divider and higher in-band phase
noise on the device output than when the doubler is enabled. However, the reference and phase detector spurs
would be lower on the device output than when the doubler is enabled.
8.3.7 Phase Frequency Detector
The Phase Frequency Detector (PFD) of the PLL takes inputs from the reference path and the feedback divider
output and produces an output that is dependent on the phase and frequency difference between the two inputs.
The input frequency of the PFD is equal to the 50 MHz reference frequency doubled if the reference doubler is
enabled and then divided by 4 if the reference divider is enabled. The feedback frequency to the PFD must equal
the reference path frequency to the PFD for the PLL to lock.
8.3.8 Feedback Divider (N)
The N divider of the PLL includes fractional compensation and can achieve any fractional denominator (DEN)
from 1 to 4,194,303. The integer portion, INT (valid range 1-4095), is the whole part of the N divider value and
the fractional portion, NUM / DEN, is the remaining fraction. INT, NUM, and DEN are programmed in R25/R26,
R27/R28/R29, and R30/R31/R32, respectively. The total programmed N divider value, N, is determined by: N =
INT + NUM / DEN. The output of the N divider sets the PFD frequency to the PLL. The feedback frequency to
the PFD must equal the reference path frequency to the PFD for the PLL to lock. In DCXO mode, the NUM
registers can be re-programmed MSB first and LSB last to update the output frequency without glitches or
spikes.
8.3.9 Fractional Engine
The delta signal modulator is a key component of the fractional engine and is involved in noise shaping for better
phase noise and spurs in the band of interest. The order of the delta sigma modulator is selectable between
integer mode and third order, for fractional PLL mode, and can be programmed in R33[1:0]. Dithering can be
programmed in R33[3:2] and should be disabled for integer PLL mode and set to weak for fractional PLL mode.
8.3.10 Charge Pump
The PLL has charge pump slices of 1.6 mA, to be used when PLL is set to fractional mode, or 6.4 mA, to be
used when PLL is set to integer mode. These slices can be selected by programming R34[3:0]. When PLL is set
to fractional mode, a phase shift needs to be introduced to maintain a linear response and ensure consistent
performance across operating conditions and a value of 0x2 should be programmed in R35[6:4]. When PLL is set
to integer mode, a value of 0x0 should be programmed in R35[6:4].


Similar Part No. - LMK61E0M-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E0M-SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com