Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2640R2FTWRGZTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2FTWRGZTQ1
Description  SimpleLink Bluetooth low energy Wireless MCU for Automotive
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2640R2FTWRGZTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2640R2FTWRGZTQ1 Datasheet HTML 6Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 7Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 8Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 9Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 10Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 11Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 12Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 13Page - Texas Instruments CC2640R2FTWRGZTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
CC2640R2F-Q1
SWRS201 – JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2640R2F-Q1
Specifications
Copyright © 2017, Texas Instruments Incorporated
(1)
Differential RF mode is optimized for RF performance. Measured on CC2640Q1EM-7ID.
(2)
Iperi is not supported in Standby or Shutdown.
5.4
Power Consumption Summary
Measured on the TI CC2640Q1EM-7ID reference design with Tc = 25°C, VDDS = 3.0 V with internal DC-DC converter, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Icore
Core current consumption
Reset. RESET_N pin asserted or VDDS below
Power-on-Reset threshold
100
nA
Shutdown. No clocks running, no retention
150
Standby. With RTC, CPU, RAM and (partial)
register retention. RCOSC_LF
1.1
µA
Standby. With RTC, CPU, RAM and (partial)
register retention. XOSC_LF
1.3
Standby. With Cache, RTC, CPU, RAM and
(partial) register retention. RCOSC_LF
2.8
Standby. With Cache, RTC, CPU, RAM and
(partial) register retention. XOSC_LF
3.0
Idle. Supply Systems and RAM powered.
550
Active. Core running CoreMark
1.45 mA +
31 µA/MHz
Radio RX(1)
6.1
mA
Radio TX, 0-dBm output power
6.1
Radio TX, 5-dBm output power(1)
9.1
Peripheral Current Consumption (Adds to core current Icore for each peripheral unit activated)
(2)
Iperi
Peripheral power domain
Delta current with domain enabled
20
µA
Serial power domain
Delta current with domain enabled
13
µA
RF Core
Delta current with power domain enabled, clock
enabled, RF core idle
237
µA
µDMA
Delta current with clock enabled, module idle
130
µA
Timers
Delta current with clock enabled, module idle
113
µA
I2C
Delta current with clock enabled, module idle
12
µA
I2S
Delta current with clock enabled, module idle
36
µA
SSI
Delta current with clock enabled, module idle
93
µA
UART
Delta current with clock enabled, module idle
164
µA
(1)
Each row is 2048 bits (or 256 Bytes) wide.
(2)
This number is dependent on Flash aging and will increase over time and erase cycles.
5.5
General Characteristics
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FLASH MEMORY
Supported flash erase cycles before
failure
100
k Cycles
Maximum number of write operations
per row before erase(1)
83
write
operations
Flash retention
105°C
11.4
Years at
105°C
Flash page/sector erase current
Average delta current
12.6
mA
Flash page/sector size
4
KB
Flash write current
Average delta current, 4 bytes at a time
8.15
mA
Flash page/sector erase time(2)
8
ms
Flash write time(2)
4 bytes at a time
8
µs


Similar Part No. - CC2640R2FTWRGZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2640R2FTWRGZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
   Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
[Old version datasheet]   CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com