Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2640R2FTWRGZRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2FTWRGZRQ1
Description  SimpleLink Bluetooth low energy Wireless MCU for Automotive
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2640R2FTWRGZRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  CC2640R2FTWRGZRQ1 Datasheet HTML 1Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 2Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 3Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 4Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 5Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 6Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 7Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 8Page - Texas Instruments CC2640R2FTWRGZRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AEC-Q100 Automotive Grade
SimpleLink CC2640R2F-Q1 Wireless MCU
Main CPU
128-KB
Flash
Sensor Controller
cJTAG
20-KB
SRAM
ROM
ARM
Cortex-M3
DC-DC Converter
RF Core
ARM
Cortex-M0
DSP Modem
4-KB
SRAM
ROM
Sensor Controller
Engine
2× Comparator
12-bit ADC, 200 ks/s
Constant Current Source
SPI-I2C Digital Sensor IF
2-KB SRAM
Time-to-Digital Converter
General Peripherals / Modules
4× 32-bit Timers
2× SSI (SPI, µW, TI)
Watchdog Timer
Temp. / Batt. Monitor
RTC
I2C
UART
I2S
31 GPIOs
AES
32 ch. µDMA
ADC
Digital PLL
TRNG
ADC
8-KB
Cache
Copyright © 2017, Texas Instruments Incorporated
3
CC2640R2F-Q1
www.ti.com
SWRS201 – JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2640R2F-Q1
Device Overview
Copyright © 2017, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows a block diagram for the CC2640R2F-Q1 device.
Figure 1-1. Block Diagram


Similar Part No. - CC2640R2FTWRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2640R2FTWRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
   Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
[Old version datasheet]   CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com